전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 1 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 1 Page - Maxim Integrated Products

  MAX4524C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
________________General Description
The MAX4524/MAX4525 are low-voltage, single-supply
CMOS analog switches configured as a 4-channel mul-
tiplexer/demultiplexer (MAX4524) and a double-
pole/double-throw (DPDT) switch (MAX4525). Both
have an inhibit input to simultaneously open all signal
paths.
These devices operate from a single supply of +2V to
+12V and are optimized for operation with +3V or +5V
supplies. On-resistance is 200
Ω with a +5V supply and
500
Ω with a +3V supply. Each switch can handle Rail-
to-Rail analog signals. The off-leakage current is only
2nA at +25°C or 20nA at +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds,
ensuring TTL/CMOS-logic compatibility when using a
single +5V supply.
________________________Applications
Battery-Operated Equipment
Audio and Video Signal Routing
Low-Voltage Data-Acquisition Systems
Communications Circuits
____________________________Features
o Tiny 10-Pin TDFN Package
o Single-Supply Operation from +2V to +12V
o 200Ω
Ω On-Resistance with +5V Supply
o 500Ω
Ω On-Resistance with +3V Supply
o Guaranteed 8Ω
Ω On-Resistance Match at +5V
o Guaranteed 2nA Max On-Leakage at +5V
o TTL/CMOS-Logic Compatible
Low-Voltage, Single-Supply
Multiplexer and Switch
________________________________________________________________ Maxim Integrated Products
1
1
2
3
4
5
10
9
8
7
6
V+
COM
NO0
ADDA
INH
NO1
NO3
NO2
MAX4524
µMAX
TOP VIEW
ADDB
GND
INH
1
0
0
0
0
INH
1
MAX4525
MAX4524
ADD
X
00
01
ON SWITCH
NONE
COMA-NCA,
COMB-NCB
COMA-NOA,
COMB-NOB
ADDB
X
0
0
1
1
X = DON’T CARE
ADDA
X
0
1
0
1
ON SWITCH
NONE
COM-NO0
COM-NO1
COM-NO2
COM-NO3
LOGIC
1
2
3
4
5
10
9
8
7
6
V+
COMB
NOB
NCB
INH
NCA
COMA
NOA
MAX4525
µMAX
ADD
GND
LOGIC
1
2
3
4
5
10
9
8
7
6
V+
COM
NO0
ADDA
INH
NO1
NO3
NO2
TDFN
ADDB
GND
LOGIC
1
2
3
4
5
10
9
8
7
6
V+
COMB
NOB
NCB
INH
NCA
COMA
NOA
TDFN
ADD
GND
LOGIC
______________________Pin Configurations/Functional Diagrams/Truth Tables
19-1332; Rev 2; 6/07
_______________Ordering Information
*Contact factory for availability.
**EP = Exposed Pad.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4524CUB
0°C to +70°C
10 µMAX
—
MAX4524C/D
0°C to +70°C
Dice*
—
MAX4524EUB
-40°C to +85°C
10 µMAX
—
MAX4524ETB
-40°C to +85°C
10 TDFN-EP**
(3mm x 3mm)
AAP
MAX4525CUB
0°C to +70°C
10 µMAX
—
MAX4525C/D
0°C to +70°C
Dice*
—
MAX4525EUB
-40°C to +85°C
10 µMAX
—
MAX4525ETB
-40°C to +85°C
10 TDFN-EP**
(3mm x 3mm)
AAQ
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


유사한 부품 번호 - MAX4524C/D

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4524C/D MAXIM-MAX4524C/D Datasheet
145Kb / 12P
Low-Voltage, Single-Supply Multiplexer and Switch
Rev 0; 1/98
More results

유사한 설명 - MAX4524C/D

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
September 2003
logo
Maxim Integrated Produc...
MAX4524 MAXIM-MAX4524 Datasheet
145Kb / 12P
Low-Voltage, Single-Supply Multiplexer and Switch
Rev 0; 1/98
MAX4525 MAXIM-MAX4525 Datasheet
354Kb / 14P
Low-Voltage, Single-Supply Multiplexer and Switch
Rev 1; 4/03
logo
Intersil Corporation
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
March 13, 2006
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com