전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 3 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 3 Page - Maxim Integrated Products

  MAX4524C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
________________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = 4.5V to 5.5V, GND = 0V, VAH = 2.4V, VAL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 7)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = 2.7V to 3.6V, GND = 0V, VAH = 2.0V, VAL = 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Notes 2, 7)
RL = 600
Ω, VCOM = 2.5Vp-p, 20Hz to 20kHz
RL = 50
Ω, f = 1MHz, Figure 5
RL = 50
Ω, f = 1MHz, Figure 5
VNO_ = 0V, f = 1MHz, Figure 6
C = 1nF, RS = 0
Ω, VS = 2.5V, Figure 4
CONDITIONS
%
0.2
THD
Total Harmonic Distortion
-1
+1
V
212
V+
Power-Supply Range
VNO_ = 3V, RL = 300
Ω, CL = 35pF,
Figure 2
ns
200
t(ON)
Inhibit Turn-On Time
+25°C
dB
-74
VCT
Channel-to-Channel
Crosstalk (MAX4525)
dB
-75
VISO
Off-Isolation
20
14
pF
4
CNO(OFF)
NO/NC Off-Capacitance
90
150
+25°C
pC
0.8
5
Q
Charge Injection (Note 6)
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
+25°C
+25°C
+25°C
+25°C
+25°C
+25°C
TEMP
+25°C
C, E
C, E
VNO_ = 3V, RL = 300
Ω, CL = 35pF,
Figure 2
ns
180
t(OFF)
Inhibit Turn-Off Time
40
120
+25°C
C, E
VNO_ = 3V, RL = 300
Ω, CL = 35pF, Figure 3
ns
tBBM
Break-Before-Make Time
VNO_ = 3V/0V, RL = 300
Ω, CL = 35pF,
Figure 1
ns
200
tTRANS
Address Transition Time
520
+25°C
90
150
+25°C
C, E
V+ = 5.5V, VADD = VINH = V+ or 0V
µA
-10
+10
I+
Power-Supply Current
C, E
V+ = 2.7V, ICOM = 0.1mA, VCOM = 1.5V
C, E
Ω
500
RON
COM-NO/NC On-Resistance
MAX4524
MAX4525
CONDITIONS
-50
+50
C, E
V+ = 3.6V; VNO = 1V, 3V;
VCOM = 3V, 1V
nA
-25
+25
ICOM(OFF)
COM Off-Leakage
(Note 6)
C, E
-1
+1
V+ = 3.6V; VNO = 1V, 3V; VCOM = 3V, 1V
nA
-10
+10
INO(OFF),
INC(OFF)
NO/NC Off-Leakage
(Note 6)
+25°C
C, E
+25°C
190
400
V
V-
V+
VCOM,
VNO
Analog Signal Range
-1
+1
-2
+2
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
+25°C
+25°C
TEMP
C, E
ANALOG SWITCH
VNO_ = 0V, f = 1MHz, Figure 6
pF
6
CCOM(OFF)
COM Off-Capacitance
+25°C
VNO_ = 0V, f = 1MHz, Figure 6
pF
12
CCOM(ON)
COM On-Capacitance
+25°C
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
MAX4524
MAX4525
MAX4524
MAX4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com