전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 6 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4524C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
6
_______________________________________________________________________________________
0
0.5
1.5
1.0
2.0
2.5
3.0
03
24
15
6
7
8
10 11
912
LOGIC-LEVEL THRESHOLD vs. V+
V+ (V)
Pin Description
MAX4524
Analog Switch Normally Open Input 2
—
1
FUNCTION
MAX4525
NO2
NAME
NOA
Analog Switch “A” Normally Open Input
1
—
NO3
COMA
Analog Switch “A” Common
2
—
Analog Switch Normally Open Input 3
—
2
NO1
NCA
Analog Switch “A” Normally Closed Input
3
—
INH
GND
Ground. Connect to digital ground (analog signals have no ground reference, but
are limited to V+ and GND).
5
5
Inhibit. Connect to GND for normal operation. Connect to logic-level high to turn all
switches off.
4
4
Analog Switch Normally Open Input 1
—
3
ADDB
ADD
Logic-Level Address Input (see Truth Tables)
6
—
ADDA
NCB
Analog Switch “B” Normally Closed Input
7
—
Logic-Level Address Input (see Truth Tables)
—
7
Logic-Level Address Input (see Truth Tables)
—
6
NO0
Analog Switch Normally Open Input 0
—
8
NOB
COM
Analog Switch Common
—
9
Analog Switch “B” Normally Open Input
8
—
COMB
V+
Positive Analog and Digital Supply-Voltage Input
10
10
Analog Switch “A” Common
9
—
Note: NO_, NC_, and COM_ analog signal pins are identical and interchangeable. Any may be considered an input or output;
signals pass equally well in both directions.
10-11
10-9
10-10
10-6
10-7
10-8
10-5
10-4
10-1
10-2
10-3
1
02
3
14
5
6
7
8
9 10 11 12
V+ CURRENT vs. LOGIC LEVEL
VADD_, VINH (V)
V+ = 12V
V+ = 5V
Typical Operating Characteristics (continued)
(V+ = +5V, GND = 0V, TA = +25°C, unless otherwise noted.)
EP
TDFN Package Only. Exposed pad, connect to V+.
EP
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com