전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4524C/D 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 MAX4524C/D
상세설명  Low-Voltage, Single-Supply Multiplexer and Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4524C/D 데이터시트(HTML) 5 Page - Maxim Integrated Products

  MAX4524C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4524C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Low-Voltage, Single-Supply
Multiplexer and Switch
_______________________________________________________________________________________
5
10,000
10
01
2
3
4
6
7
8
9
510
ON-RESISTANCE vs. VCOM
100
1000
VCOM (V)
V+ = 1.2V
V+ = 2V
V+ = 2.7V
V+ = 3.3V
V+ = 5V
V+ = 7.5V
V+ = 10V
130
10
0
1.0
3.0
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
30
90
VCOM (V)
2.0
4.0
70
110
50
5..0
0.5
2.5
1.5
3.5
4.5
TA = +85°C
TA = -40°C
TA = 0°C
TA = +70°C
TA = +25°C
0.01
OFF-LEAKAGE
vs. TEMPERATURE
100
TEMPERATURE (
°C)
1
0.1
10
-50
125
25
-25
0
75
50
100
V+ = 5.5V
COM OFF
NO OFF
1
ON-LEAKAGE
vs. TEMPERATURE
10,000
100,000
TEMPERATURE (
°C)
100
10
1000
-50
125
25
-25
0
75
50
100
V+ = 5.5V
100
0.01
10
1k
10k
100
100k
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
0.1
FREQUENCY (Hz)
1
10
600
Ω IN AND OUT
01
3
CHARGE INJECTION vs. VCOM
-2.5
1.5
1.0
0.5
0
VCOM (V)
24
-0.5
-1.0
-1.5
-2.0
5
V+ = 5V
V- = 0V
1
SUPPLY CURRENT
vs. TEMPERATURE
100
TEMPERATURE (
°C)
10
-50
125
25
-25
0
75
50
100
V+ = 5V
VINH = VA = 0V, 5V
I+
0
-120
0.1
10
100
1300
FREQUENCY RESPONSE
-90
-100
-110
MAX4524/25-08
FREQUENCY (MHz)
-70
-80
-50
-60
-20
-30
-40
-10
120
-120
-60
-80
-100
-20
-40
20
0
80
60
40
100
ON LOSS
50
Ω IN AND OUT
OFF LOSS
ON PHASE
__________________________________________Typical Operating Characteristics
(V+ = 5V, GND = 0V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com