전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PWR-2700-DC-R 데이터시트(PDF) 74 Page - Arista Networks, Inc

부품명 PWR-2700-DC-R
상세설명  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ARISTA [Arista Networks, Inc]
홈페이지  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R 데이터시트(HTML) 74 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 70Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 71Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 73Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 74Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 75Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 76Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 77Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 78Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
F.1.2
Removing AC Power Supply
Perform the following steps to remove an AC power supply.
1. Put on a grounded, anti-static ESD strap.
2. Lift the retaining clip up and unplug the cable (if present).
Figure 47: Unseat Power Supply
1 Status LED
3 Ejector button
2 Release lever
3. Pull the ejectors forward until the power supply disconnects.
4. Remove the power supply from the Switch using the power supply lever and handle.
F.1.3
Installing AC Power Supply
You must make space for installing the power supply by removing an existing one (Removing AC
Power Supply, Removing DC Power Supply) or removing a blank (Removing Power Supply Blank)
from a power supply slot available on the switch.
Perform the following steps to install an AC power supply.
1. Put on a grounded, anti-static ESD strap.
2. Unpack the new power supply.
3. Insert the new power supply into the empty power supply slot.
4. After you insert the power supply, push gently on the power supply until the power supply is fully
seated.
5. Pull up on the handle on the power supply to lock the power supply in place.
6. Connect the power cord to the power supply.
7. Fasten the spring-release clip to the power cord.
8. Connect to the power source.
9. Verify normal operation using the LED indicators for your switch Power Supply Status Indicators.
F.1.4
Removing DC Power Supply
Before performing any of the steps, ensure power is removed from DC circuits by turning off the power
line servicing the circuits.
Make sure to remove the ground connection last when removing power.
1. Put on a grounded, anti-static ESD strap.
2. Disconnect the power cable from the DC power source.
3. Loosen the two captive screws on the bottom of the adapter from the power supply module.
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80