| 전자부품 데이터시트 검색엔진 |
|
PWR-2700-DC-R 데이터시트(PDF) 78 Page - Arista Networks, Inc |
|
|
|||||||||||||||||||||||||||||
PWR-2700-DC-R 데이터시트(HTML) 78 Page - Arista Networks, Inc |
|
78 / 80 page ![]() F.4.3 Installing Supervisor Module You must make space for installing the module by removing an existing one (Removing Supervisor Module) or removing a blank (Removing Supervisor Module Blank) from a supervisor module slot available on the switch. Perform the following steps to install the module. 1. Put on a grounded, anti-static ESD strap. 2. Unpack the supervisor module to be installed. 3. Pinch ejector buttons on handles or levers on each end of the card. 4. Slide supervisor module into slot. 5. Spread ejector buttons on the handles. 6. Verify that the module is operating normally (Supervisor Module ). F.5 Linecards The linecards are hot-swappable. They are accessible from the front of the switch. You must take into account that the linecard you are inserting is compatible with the switch and the linecard that you are replacing. Use the following procedure to remove and replace a linecard. If you are adding a new linecard, remove the blank from the linecard slot and install the new linecard. For the linecard locations on your switch, refer to Front Panel. F.5.1 Removing Linecard Blank The linecard blank is screwed on. Use the appropriate screwdriver for your switch. 1. Put on a grounded, anti-static ESD strap. 2. Unscrew the blank from the linecard slot you are going to populate. You may want to save the blank for future use as needed. The blank is needed for the switch to operate normally if a linecard slot is not populated. F.5.2 Removing Linecard Perform the following steps to remove a linecard. 1. Put on a grounded, anti-static ESD strap. 2. Pinch ejector buttons on handles or levers on each end of the linecard. 3. Pull the linecard out by the ejector buttons on the handles of linecard. 4. Slide linecard out of the slot. F.5.3 Installing Linecard You must make space for installing the linecard by removing an existing one (Removing Linecard) or removing a blank (Removing Linecard Blank) from a linecard slot available on the switch. 1. Put on a grounded, anti-static ESD strap. 2. Unpack the linecard to be installed. 3. Pinch ejector buttons on handles or levers on each end of the linecard. 4. Spread ejector buttons on the handles. 5. Slide the linecard into the slot. 6. Push ejector buttons on the handles of the linecard. 7. Verify that the linecard is operating normally (Fabric Status Indicators). 74 |