| 전자부품 데이터시트 검색엔진 |
|
DSP56303 데이터시트(PDF) 56 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56303 데이터시트(HTML) 56 Page - Freescale Semiconductor, Inc |
|
56 / 292 page ![]() DSP56303 User’s Manual, Rev. 2 3-12 Freescale Semiconductor Memory Configuration Figure 3-6. 16-bit Space with Instruction Cache Enabled (1, 0, 1) External Internal Program RAM 3 K $FFFF $0000 Internal I/O External Internal X data RAM 2 K External I/O External Internal Y data RAM 2 K Program X Data Y Data $0C00 $0800 Bit Settings Memory Configuration SC MS CE Program RAM X Data RAM Y Data RAM Cache Addressable Memory Size 101 3 K $000–$BFF 2 K $000–$7FF 2 K $000–$7FF 1 K internal not accessible 64 K $FFFF $0000 $FF80 $0800 $FFFF $0000 $FF80 |