전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSP56303 데이터시트(PDF) 13 Page - Freescale Semiconductor, Inc

부품명 DSP56303
상세설명  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 데이터시트(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 9Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 10Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 11Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 292 page
background image
Manual Revision History for Revision 2
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
1-3
„ Pins or signals that are asserted low (made active when pulled to ground) are indicated like
this:
— In text, they have an overbar: for example, RESET is asserted low.
— In code examples, they have a tilde in front of their names. In Example 1-1, line 3
refers to the SS0 signal (shown as ~SS0).
„ Sets of signals are indicated by the first and last signals in the set, for instance HAD[0–7].
„ “Input/Output” indicates a bidirectional signal. “Input or Output” indicates a signal that is
exclusively one or the other.
„ Code examples are displayed in a monospaced font, as shown in Example 1-1.
„ Hexadecimal values are indicated with a $ preceding the value, as follows: $FFFFFF is the
X memory address for the core interrupt priority register.
„ The word “reset” is used in four different contexts in this manual:
— the reset signal, written as RESET
— the reset instruction, written as RESET
— the reset operating state, written as Reset
— the reset function, written as reset
1.3 Manual Revision History for Revision 2
Table 1-2 lists the changes made in this manual from Revision 1 to Revision 2.
Example 1-1. Sample Code Listing
BFSET#$0007,X:PCC; Configure:
line 1
;
MISO0, MOSI0, SCK0 for SPI master
line 2
; ~SS0 as PC3 for GPIO
line 3
Table 1-2. Change History, Revision 1 to Revision 2
Change
Revision 1
Page Number
Revision 2
Page Number
Modified signal definitions. Changed all five notes in Table 2-1. All internal
keepers are disabled and do not affect device operation.
Page 2-1
Page 2-1
Modified signal definitions. Added a note 4, pertaining to GND, at the bottom of
Figure 2-1.
Page 2-2
Page 2-2
Modified signal definitions. Changed the note at the end of Table 2-3.
Page 2-4
Page 2-4
Modified signal definitions. In Table 2-8, changed the State During Reset, Stop,
or Wait descriptions for the BR and BB signals.
Pages 2-7 to
2-8
Pages 2-6 to
2-7
Modified signal definitions. In Table 2-11, changed the title of the third column to
State During Reset1,2 Added a new note 1 and changed the old note 1 to note 2.
Changed the State During Reset of all signals to “Ignored input.” Changed the
signal description for PB14.
Pages 2-11 to
2-14
Pages 2-10 to
2-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More