전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN3310BBCZ 데이터시트(PDF) 29 Page - Analog Devices

부품명 ADIN3310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ 데이터시트(HTML) 29 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 25Page - Analog Devices ADIN3310BBCZ Datasheet HTML 26Page - Analog Devices ADIN3310BBCZ Datasheet HTML 27Page - Analog Devices ADIN3310BBCZ Datasheet HTML 28Page - Analog Devices ADIN3310BBCZ Datasheet HTML 29Page - Analog Devices ADIN3310BBCZ Datasheet HTML 30Page - Analog Devices ADIN3310BBCZ Datasheet HTML 31Page - Analog Devices ADIN3310BBCZ Datasheet HTML 32Page - Analog Devices ADIN3310BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
PIN CONFIGURATION AND PIN DESCRIPTIONS
analog.com
Rev. A | 29 of 86
Table 14. Pin Function Descriptions (Continued)
ADIN6310 Ball No.
Mnemonic
Type1
Internal
Termination at
Reset2
Power
Domain2
Description
C12
P5_RXD0
I
Pull-up
VDDIO_B
See Port 0.
A13
P5_RXD1
I
Pull-down
VDDIO_B
See Port 0.
B12
P5_RXD2
I
Pull-down
VDDIO_B
See Port 0.
A12
P5_RXD3
I
Pull-up
VDDIO_B
See Port 0.
B13
P5_RXCTL
I
Pull-down
VDDIO_B
See Port 0.
C11
P5_LINK
I
Pull-down
VDDIO_B
See Port 0.
Other
Joint Test Action Group (JTAG) Access.
D16
TDO
O
N/A
VDDIO_A
JTAG Test Data Output.
E16
TDI
I
N/A
VDDIO_A
JTAG Test Data Input,
F15
TCK
I
N/A
VDDIO_A
JTAG Test Clock.
F16
TMS
I
N/A
VDDIO_A
JTAG Test Mode Select.
G16
TEST_EN
I
N/A
VDDIO_A
Test Enable. JTAG mode enabled when TEST_EN is pulled high. For
normal operation, pull TEST_EN low or connect directly to ground if JTAG
not used.
Power3
D4, D6, D7, D11, E4,
F5, G6, G12, H6,
H12, J12, K4, K6,
K12, L5, L12, M5,
M7 to M9, M11, M12,
N4
VDDCORE
S
N/A
N/A
Supply to the Digital and Analog Core, 1.1 V ± 5%. Place decoupling
capacitors with respect to DGND.
G5
VDDCORE_PLL
S
N/A
N/A
Supply for the Analog Core, 1.1 V ± 5%. Place decoupling capacitors with
respect to VSSCORE_PLL.
D10, N10
VDDCORE_DLL
S
N/A
N/A
Supply for the Analog Core, 1.1 V ± 5%. Place decoupling capacitors with
respect to VSSCORE_DLL.
E12, F12, F13, K13,
L13, M13
VDDIO_A
S
N/A
N/A
Supply for the Host Port (RGMII and RMII Port 0, SPI, JTAG).
D8, D9, D12, D13,
E13, G13, H13, J13,
N7, N8, N9, N11,
N12
VDDIO_B
S
N/A
N/A
Supply for the RGMII and RMII Port 1 to Port 5, MDIO Interface.
H5, J5, K5, F14
VDD3P3
S
N/A
N/A
Analog Supply for the Analog, Crystal, and Clocking Circuitry. Place
decoupling capacitors with respect to VSS3P3.
E5, F4, L4, M4
VDD_SGMII
S
N/A
N/A
Supply for the SGMII on Port 1 to Port 4. Where an application does not use
the SGMII, connect the VDD_SGMII pins directly to VSS_SGMII ground on
the board.
Ground
F2, H3, J3, K3
VSS3P3
S
N/A
N/A
Ground for the Analog, Crystal, and Clock Circuit.
M10, E10
VSSCORE_DLL
S
N/A
N/A
Ground for the Analog Core.
G3
VSSCORE_PLL
S
N/A
N/A
Ground for the Analog Core.
F1, C1, D3, E3, F3,
M1, M2, N3, P3, R1
VSS_SGMII
S
N/A
N/A
Ground for the SGMII on Port 1 to Port 4.
A1, A16, C4, C10,
C14, D5, E6, E7 to
E9, E11, F6 to F11,
G7 to G11, G14,
G15, H7 to H11, J6
to J11, K7 to K11,
L6to L11, M6, N5,
N6, N13, P11to P13,
T1, T16
DGND
S
N/A
N/A
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com