전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN3310BBCZ 데이터시트(PDF) 55 Page - Analog Devices

부품명 ADIN3310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ 데이터시트(HTML) 55 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 51Page - Analog Devices ADIN3310BBCZ Datasheet HTML 52Page - Analog Devices ADIN3310BBCZ Datasheet HTML 53Page - Analog Devices ADIN3310BBCZ Datasheet HTML 54Page - Analog Devices ADIN3310BBCZ Datasheet HTML 55Page - Analog Devices ADIN3310BBCZ Datasheet HTML 56Page - Analog Devices ADIN3310BBCZ Datasheet HTML 57Page - Analog Devices ADIN3310BBCZ Datasheet HTML 58Page - Analog Devices ADIN3310BBCZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
POWER ARCHITECTURE
analog.com
Rev. A | 55 of 86
POWER CONSUMPTION AND THERMAL
CONSIDERATIONS
Worst case power consumption conditions are all six ports operat-
ing at 1 Gbps. Careful consideration is required when choosing the
VDDIO_B power supply rail to keep the die temperature within the
operating temperature range. When operating at 1 Gbps on all six
ports, use VDDIO_B at 1.8 V or 2.5 V. Operating at VDDIO_B =
3.3 V when all ports are at a 1 Gbps speed is not supported. Table
28 includes per port typical power parameters for all VDDIO supply
voltages because various use cases may have the ports operating
a mix of PHY technology and speeds.
Table 28. Power Consumption Per Port
Use Case
VDDIO
Unit
1.8 V
2.5 V
3.3 V
Base Power1
126.5
126.5
126.5
mW
1 Gbps RGMII
36.6
60.7
95.7
mW
100 Mbps RGMII
11
13
17.05
mW
10 Mbps RGMII
6.2
7.4
9.35
mW
1 Gbps SGMII
59.2
68.4
81.4
mW
1000BASE-KX
65.8
75
88
mW
100BASE-FX
52
55.9
59.95
mW
1 Base power is the background power consumption for the chip. Total Power
Consumption = Base Power + Each Port Power.
POWER SUPPLY DECOUPLING
It is recommended to decouple each of the supply rails with the
capacitors detailed in Table 29 to their relevant grounds. Place the
smaller decoupling capacitor (0.1 μF) as close to the relevant balls
as possible and ensure that the capacitor ground is routed directly
into the plane.
Table 29. Recommended Decoupling
Supply Name
Capacitor Value
VDD3P3 to VSS3P3
One 4.7 μF per group, 0.1 μF per ball
VDD_SGMII to VSS_SGMII
One 4.7 μF per group, 0.1 μF per ball
VDDIO_A to DGND
One 4.7 μF per group, 0.1 μF per ball
VDDIO_B to DGND
One 4.7 μF per group, 0.1 μF per ball
VDDCORE to DGND
One 20 μF and 0.47 μF per group, 0.1 μF
per ball
VDDCORE_PLL to VSSCORE_PLL
0.1 μF and 0.01 μF
VDDCORE_DLL to VSSCORE_DLL
0.1 μF per ball
When placing the decoupling capacitors, prioritize the locations
detailed in Table 30 and detailed in Table 31 with capacitors con-
nected across these nets.
Table 30. ADIN3310 Layout Prioritization for Bypass Capacitors
Supply
Ground
Ball Number
VDDCORE_DLL
VSSCORE_DLL
L9 to L8
VDDCORE_PLL
VSSCORE_PLL
D4 to D3
VDD3P3
VSS3P3
G4 to G3
VSS3P3
F3 to E3
VSS3P3
E2 to D2
Table 31. ADIN6310 Layout Prioritization for Bypass Capacitors
Supply
Ground
Ball Number
VDDCORE_DLL
VSSCORE_DLL
N10 to M10
VSSCORE_DLL
D10 to E10
VDDCORE_PLL
VSSCORE_PLL
G5 to G3
VDD3P3
VSS3P3
H5 to H3
VSS3P3
J5 to J3
VSS3P3
K5 to K3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com