전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN3310BBCZ 데이터시트(PDF) 64 Page - Analog Devices

부품명 ADIN3310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ 데이터시트(HTML) 64 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 60Page - Analog Devices ADIN3310BBCZ Datasheet HTML 61Page - Analog Devices ADIN3310BBCZ Datasheet HTML 62Page - Analog Devices ADIN3310BBCZ Datasheet HTML 63Page - Analog Devices ADIN3310BBCZ Datasheet HTML 64Page - Analog Devices ADIN3310BBCZ Datasheet HTML 65Page - Analog Devices ADIN3310BBCZ Datasheet HTML 66Page - Analog Devices ADIN3310BBCZ Datasheet HTML 67Page - Analog Devices ADIN3310BBCZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
REDUNDANCY
analog.com
Rev. A | 64 of 86
HSR STATISTICS
The switch captures a number of HSR-related statistics and error
counters associated with each HSR port. The statistics also return
how many nodes are in the network. The following HSR statistics
are captured:
►
Rx Count reflects the number of frames received by Port A or
Port B that have HSR tag added.
►
Tx Count reflects the number of frames transmitted by Port A or
Port B that have HSR tag added.
►
Error Count specifies the number of frames with errors received
on the link redundancy entity (LRE) Port A or Port B.
►
Duplicate Count specifies the number of entries in the duplicate
detection mechanism on Port A or Port B for which one single
duplicate was received.
►
Multi Count specifies the number of entries in the duplicate
detection mechanism on Port A or Port B for which more than
one duplicate was received.
►
Unique Count specifies the number of entries in the duplicate
detection mechanism on Port A or Port B for which no duplicate
was received.
►
Node Count returns the number of nodes detected in the sys-
tem.
Node Table
The switch maintains a node table to track DANHs and SANs in
the HSR network. The node table is populated based on incoming
traffic and HSR supervision frames observed on HSR ports. The
packet assist engine automatically inserts or deletes entries based
on the node table logic. The node table records duplicate discard
or duplicate accept based upon received HSR supervision frames
for a node. This table records the last time a frame was received
from a particular node, and it refreshes the node table every 60
seconds. If no frames have been received after this time, the node
entry is removed. The user can interrogate the node table through
the SES_GetLreNodesEntry() API, which is available as part of
the software drivers on the ADIN6310 product page. The node table
can accommodate 1024 entries maximum.
Proxy Node Table
The proxy node table is a list of the detected SANs that are
connected to the RedBox, and the last time they were seen. The
proxy node table learns the SAN and virtual DANH MAC based on
ingressing traffic on an interlink port. The user can interrogate the
proxy node table using the SES_GetLreProxyNodeEntry() API,
which is available as part of the software drivers on the ADIN6310
product page. Like the node table, the proxy node table keeps its
table refreshed based on incoming frames and ages out entries
after 60 seconds. The maximum size of the proxy node table for
HSR RedBox is 8.
PARALLEL REDUNDANCY PROTOCOL (PRP)
Like HSR, PRP is used in redundant applications to increase
reliability of a communication channel by providing duplicate frames
traveling across separate networks and thus provide lossless com-
munications in the event of a single network failure. PRP places no
extra requirements on the other switches in the network,; however,
it does require usage of a duplicate network.
PRP implements redundancy through the use of doubly attached
nodes obeying PRP (DANP).
Again, only one instance of PRP can be configured in the 6-port
ADIN6310 switch, the selection of ports that are part of the PRP
network is flexible and can be defined by the user during initial
configuration.
A DANP is attached to two independent LANs of similar topology,
named LAN A and LAN B, which operate in parallel. A source
DANP takes the nonPRP frame from a SAN and duplicates the
frame for egress from the two ports connected to LAN A and LAN
B. These frames have a PRP redundancy control trailer (RCT or
PRP tag) attached at the end of the frame. These duplicate frames
are identical, except for the PRP tag (LAN ID) and FCS. A destina-
tion DANP receives the duplicate frames from both LANs, within a
certain time, consumes the first frame to arrive, and discards the
duplicate. The DANP can also remove the PRP tag upon egress.
Figure 48. Simplified PRP Network
Any switches in the LAN path do not care about the PRP tag
because it simply looks like part of the payload. All traffic from a
DANP to a DANP is accomplished with PRP; traffic from a DANP to
a SAN does not require PRP.
The two LANs are identical in protocol at the MAC-LLC level, but
they can differ in performance and topology. Transmission delays
may also be different. The two LANs have no connection between
them and are assumed to be fail independent.
The switch provides a hardware-based approach for PRP aligned
with the IEC standard and supports operation as a DANP where the
hardware manages the duplication of frames, insertion of the PRP
tag, consumption of the first frame, discard of the duplicate frame,
and removal of the PRP tag.
Because the PRP trailer is at the end of the frame, just before the
FCS, PRP operates in store and forward mode in the DANP and
RedBox but switches in the network can be in cut-through mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com