전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN3310BBCZ 데이터시트(PDF) 86 Page - Analog Devices

부품명 ADIN3310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ 데이터시트(HTML) 86 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 78Page - Analog Devices ADIN3310BBCZ Datasheet HTML 79Page - Analog Devices ADIN3310BBCZ Datasheet HTML 80Page - Analog Devices ADIN3310BBCZ Datasheet HTML 81Page - Analog Devices ADIN3310BBCZ Datasheet HTML 82Page - Analog Devices ADIN3310BBCZ Datasheet HTML 83Page - Analog Devices ADIN3310BBCZ Datasheet HTML 84Page - Analog Devices ADIN3310BBCZ Datasheet HTML 85Page - Analog Devices ADIN3310BBCZ Datasheet HTML 86Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 86 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
OUTLINE DIMENSIONS
©2024-2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. A | 86 of 86
COMPLIANT TO JEDEC STANDARDS MO-275-JJAB-2
1.00 REF
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
15
16
14 13 12 11 10 9 8 7 6 5 4 3 2 1
12.00 REF
SQ
14.15
14.00 SQ
13.85
COPLANARITY
0.08
0.80
BSC
0.393
0.343
0.293
1.046
0.976
0.906
0.50
Ø 0.45
0.40
1.40
1.32
1.20
BOTTOM VIEW
TOP VIEW
SIDE VIEW
DETAIL A
DETAIL A
A1 BALL
CORNER
A1 BALL
CORNER
SEATING
PLANE
Figure 66. 256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-256-6)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADIN3310BBCZ
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Tray, 189
BC-196-17
ADIN3310BBCZ-RL
−40°C to +85°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Reel, 1500
BC-196-17
ADIN3310CBCZ
−40°C to +105°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Tray, 189
BC-196-17
ADIN3310CBCZ-RL
−40°C to +105°C
196-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Reel, 1500
BC-196-17
ADIN6310BBCZ
−40°C to +85°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Tray, 119
BC-256-6
ADIN6310BBCZ-RL
−40°C to +85°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Reel, 1000
BC-256-6
ADIN6310CBCZ
−40°C to +105°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Tray, 119
BC-256-6
ADIN6310CBCZ-RL
−40°C to +105°C
256-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
Reel, 1000
BC-256-6
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EVAL-ADIN3310EBZ
Three Port Switch Evaluation Board with ADIN1300 Gigabit PHYs
EVAL-ADIN6310EBZ
Six Port Switch Evaluation Board with ADIN1300 Gigabit PHYs
EVAL-ADIN6310T1LEBZ
Field Switch Evaluation Board with Four ADIN1100 10BASE-T1L Ethernet PHYs,
Two ADIN1300 Ethernet PHYs, LTC4296-1 Power Sourcing Equipment for SPoE,
MAX32690 Microcontroller, and MAXQ1065 Cryptographic Controller
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com