전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADIN3310BBCZ 데이터시트(PDF) 44 Page - Analog Devices

부품명 ADIN3310BBCZ
상세설명  Industrial Ethernet Time Sensitive Networking Switch
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADIN3310BBCZ 데이터시트(HTML) 44 Page - Analog Devices

Back Button ADIN3310BBCZ Datasheet HTML 40Page - Analog Devices ADIN3310BBCZ Datasheet HTML 41Page - Analog Devices ADIN3310BBCZ Datasheet HTML 42Page - Analog Devices ADIN3310BBCZ Datasheet HTML 43Page - Analog Devices ADIN3310BBCZ Datasheet HTML 44Page - Analog Devices ADIN3310BBCZ Datasheet HTML 45Page - Analog Devices ADIN3310BBCZ Datasheet HTML 46Page - Analog Devices ADIN3310BBCZ Datasheet HTML 47Page - Analog Devices ADIN3310BBCZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 86 page
background image
Data Sheet
ADIN3310/ADIN6310
INTERFACES
analog.com
Rev. A | 44 of 86
SERIAL INTERFACE, SPI
The switch contains a synchronous SPI-compatible serial interface
that can be used as the host interface. SPI supports 32-bit data
transfers, is a target interface, and can be a standard SPI or a dual
or quad SPI. Table 18 lists the relevant pins for the different SPI
interface modes. Configuration of the host interface mode can be
made using external boot strapping (see the Table 22 section). In
SPI mode, the interface allows full duplex operation and half duplex
communication in dual or quad SPI.
The transactions on the interface are consumed by the packet
assist engine and facilitate communications between the switch
and the host processor. The SPI port provides a communication
medium for low to medium performance systems with higher per-
formance processors or field-programmable gate arrays (FPGAs)
interfacing directly to the RMII, RGMII or SGMII on one of the
Ethernet ports.
Chip Select, SPI_SS
The active low, chip select pin (SPI_SS) enables and disables
the SPI port. When SPI_SS is high, the device is not selected,
and the serial data outputs (SPI_SIOx) are high impedance. When
SPI_SS is brought low, the device is selected, and commands can
be written to or read from the device.
Serial Clock, SPI_SCLK
The serial clock input is used to synchronize data to and from the
packet assist engine of the switch. The maximum SCLK frequency
is 38 MHz.
Serial Data Input and Output, SPI_SIOx
The switch supports standard SPI, dual SPI, and quad SPI commu-
nications. The device has four SPI_SIOx pins. When operating with
a standard SPI, the SPI_SIO0/SDI is the unidirectional serial data
input line for write operations and clocked in on the rising edge of
SPI_SCLK. The SPI_SIO1/SDO is the unidirectional data output for
reads and is clocked out on the falling edge of SPI_SCLK.
For dual and quad SPI, commands use the bidirectional SPI_SIOx
pins to read and write data.
Data lines are only driven in response to a read command.
Table 18. SPI Pin Operation
Mnemonic
Quad SPI
Dual SPI1
SPI1
SPI_SS
SS
SS
SS
SPI_SCLK
SCLK
SCLK
SCLK
SPI_SIO0
SIO0
SIO0
SDI
SPI_SIO1
SIO1
SIO1
SDO
SPI_SIO2
SIO2
N/A
N/A
SPI_SIO3
SIO3
N/A
N/A
1 N/A means not applicable.
Interrupt, INT
The TIMER0/INT pin provides a single interrupt output from the
switch to the host and is used to coordinate SPI operations. The
INT function is a shared function on the TIMER0/INT pin and is
managed via the packet assist engine software, which is available
on the ADIN6310 product page.
Dual and Quad SPI Interactions
Figure 30 shows an overview of the bit and byte ordering for
quad SPI read communications. Reads require a two clock period
turnaround before the data is available on the SPI_SIOx pins. The
SPI_SIOx pins are driven low during this two clock turnaround time.
The write transaction looks similar in terms of format; however,
without the turnaround, the first nibble of data immediately follows
the second nibble of instruction byte. Data is transmitted and
received MSB first.
Dual SPI transactions are similar, SPI_SIO1 carries the most sig-
nificant bit of a pair, and the most significant pair of a byte is
transmitted first. Similarly, reads use a two clock period turnaround.
Finally, quad SPI transactions transmit the most significant nibble
first, with the most significant bit of the nibble on SPI_SIO3 as
shown in Figure 30. Quad SPI also requires a two clock period
turnaround.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com