| 전자부품 데이터시트 검색엔진 |
|
TMP86FS28DFG 데이터시트(PDF) 255 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP86FS28DFG 데이터시트(HTML) 255 Page - Toshiba Semiconductor |
|
255 / 272 page ![]() Page 243 TMP86FS28DFG 18.13Specifying the Erasure Area In the flash memory erasing mode, the erasure area of the flash memory is specified by n −2 byte data. The start address of an erasure area is specified by ERASTA, and the end address is specified by ERAEND. If ERASTA is equal to or smaller than ERAEND, the sector erase (erasure in 4 kbyte units) is executed. Executing the sector erase while the read protection is enabled results in an infinite loop. If ERASTA is larger than ERAEND, the chip erase (erasure of an entire flash memory area) is executed and the read protection is disabled. Therefore, execute the chip erase (not sector erase) to disable the read protection. Note: When the sector erase is executed for the area containing no flash cell, TMP86FS28DFG stops the UART commu- nication and enters the halt condition. Erasure Area Specification Data (n −2 byte data) 765 43210 ERASTA ERAEND ERASTA The start address of the erasure area 0000: 0001: 0010: 0011: 0100: 0101: 0110: 0111: 1000: 1001: 1010: 1011: 1100: 1101: 1110: 1111: from 0000H from 1000H from 2000H from 3000H from 4000H from 5000H from 6000H from 7000H from 8000H from 9000H from A000H from B000H from C000H from D000H from E000H from F000H ERAEND The end address of the erasure area 0000: 0001: 0010: 0011: 0100: 0101: 0110: 0111: 1000: 1001: 1010: 1011: 1100: 1101: 1110: 1111: to 0FFFH to 1FFFH to 2FFFH to 3FFFH to 4FFFH to 5FFFH to 6FFFH to 7FFFH to 8FFFH to 9FFFH to AFFFH to BFFFH to CFFFH to DFFFH to EFFFH to FFFFH |