| 전자부품 데이터시트 검색엔진 |
|
FS32K118LAT0MLHT 데이터시트(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K118LAT0MLHT 데이터시트(HTML) 35 Page - NXP Semiconductors |
|
35 / 84 page ![]() Table 23. Flash command timing specifications for S32K14x (continued) Symbol Description1 S32K142 S32K144 S32K146 S32K148 Typ Max Typ Max Typ Max Typ Max Unit Notes tsetram Set FlexRAM Function execution time Control Code 0xFF 0.08 — 0.08 — 0.08 — 0.08 — ms 3 32 KB EEPROM backup 0.8 1.2 0.8 1.2 0.8 1.2 — — 48 KB EEPROM backup 1 1.5 1 1.5 1 1.5 — — 64 KB EEPROM backup 1.3 1.9 1.3 1.9 1.3 1.9 1.3 1.9 teewr8b Byte write to FlexRAM execution time 32 KB EEPROM backup 385 1700 385 1700 385 1700 — — µs 3,4 48 KB EEPROM backup 430 1850 430 1850 430 1850 — — 64 KB EEPROM backup 475 2000 475 2000 475 2000 475 4000 teewr16b 16-bit write to FlexRAM execution time 32 KB EEPROM backup 385 1700 385 1700 385 1700 — — µs 3,4 48 KB EEPROM backup 430 1850 430 1850 430 1850 — — 64 KB EEPROM backup 475 2000 475 2000 475 2000 475 4000 teewr32bers 32-bit write to erased FlexRAM location execution time — 360 2000 360 2000 360 2000 360 2000 µs teewr32b 32-bit write to FlexRAM execution time 32 KB EEPROM backup 630 2000 630 2000 630 2000 — — µs 3,4 48 KB EEPROM backup 720 2125 720 2125 720 2125 — — 64 KB EEPROM backup 810 2250 810 2250 810 2250 810 4500 tquickwr 32-bit Quick Write execution time: Time from CCIF clearing (start the write) until CCIF 1st 32-bit write 200 550 200 550 200 550 200 1100 µs 4,5,6 2nd through Next to Last (Nth-1) 32- bit write 150 550 150 550 150 550 150 550 Table continues on the next page... Memory and memory interfaces S32K1xx Data Sheet, Rev. 9, 09/2018 NXP Semiconductors 35 |