전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM96063CISDX/NOPB 데이터시트(PDF) 23 Page - Texas Instruments

부품명 LM96063CISDX/NOPB
상세설명  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB 데이터시트(HTML) 23 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 19Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 20Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 21Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 22Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 23Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 24Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 25Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 26Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Address
Read/
POR
Bits
Name
Description
Hex
Write
Value
4CHEX PWM VALUE REGISTER
HPWVAL7:HPWV
PWM High Resolution and Low Resolution Values
7:6
00
AL6
If PWM Program (register 4A, bit 5) = 0 this register is read only, this register
Read
reflects the LM96063’s current PWM value from the Lookup Table.
(Write
If PWM Program (register 4A, bit 5) = 1, this register is read/write and the desired
only if
4C
PWM value is written directly to this register, instead of from the Lookup Table, for
reg 4A
direct fan speed control.
5:0
0x00
PWVAL5:PWVAL0
bit 5 =
This register will read 0 during the Spin-Up cycle.
1.)
See Application Notes at the end of this datasheet for more information regarding
the PWM Value and Duty Cycle in %.
4DHEX FAN PWM FREQUENCY REGISTER
R
7:5
000
[Reserved]
These bits are unused and always read as 0
PWM Output Frequency
The PWM Frequency = PWM_Clock / 2n, where PWM Master Clock = 360 kHz or
4D
R/W
4:0
0x17
PWMF4:PWMF0
1.4 kHz (per the PWM Master Clock Select bit in Register 4A), and n = value of the
register. Note: n = 0 is mapped to n = 1. See the Application Note at the end of this
datasheet.
4EHEX LOOKUP TABLE TEMPERATURE OFFSET
R
7:6
00
[Reserved]
These bits are unused and always read as 0.
The temperature offset applied to the temperature values of the lookup table. This
4E
offset allows the lookup table temperature settings to be extended above 127°C.
R/W
5:0
0x00
TO5:TO0
The value, which is always positive, has an unsigned format with 1°C resolution.
The maximum offset that can be programmed is +63°C.
4FHEX LOOKUP TABLE HYSTERESIS
R
7:5
000
[Reserved]
These bits are unused and always read as 0
Lookup Table Hysteresis
4F
R/W
4:0
0x04
LOOKH4:LOOKH0 The amount of hysteresis applied to the Lookup Table. (1 LSb = 1°C, max value
31°C, default value 10°C).
50HEX to 67HEX LOOKUP TABLE (7/8 Bits for Temperature and 6/8 Bits for PWM for each Temperature/PWM Pair)
7
0
E1T7
Lookup Table Temperature Entry 1
Bit 7 is unused and always set to 0 in the low resolution temperature LUT mode. In
the high resolution temperature LUT mode bit 7 in conjunction with bits 6:0 of this
register are used to determine the limit temperature that the remote diode
temperature is compared to. In high resolution the range is 0°C to 127.5°C. In low
resolution mode the range is 0°C to 127°C. If the remote diode temperature
50
exceeds this value, the PWM output will be the value in Register 0x51. Only 9-bits
6:0
0x7F
E1T6:E1T0
of the temperature reading are used in high resolution and 8-bits in low resolution.
Read.
Only positive temperature values can be programed in this register and in all cases
(Write
the sign bit is assumed to be zero. Temperatures greater than 127 °C or 127.5 °C
only if
can be programmed through the use of the Lookup Table Temperature Offset
reg 4A
Register (4Eh).
bit 5 =
Lookup Table PWM Duty Cycle Extended Entry 1
1)
These bits are unused and always set to 0 in the low resolution duty cycle LUT
mode. In the high resolution duty cycle LUT mode these bits in association with
7:6
00
E1D7:E1D6
bits 5:0 of this register are used for the PWM value associated with the
temperature limit in register 0x50. These bits can only be activated when PWM
51
frequency of 22.5kHz is chosen.
Lookup Table PWM Duty Cycle Entry 1
5:0
0x3F
E1D5:E1D0
The PWM value corresponding to the temperature limit in register 0x50 for the low
resolution PWM mode.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com