전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM96063CISDX/NOPB 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM96063CISDX/NOPB
상세설명  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 5Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 6Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 7Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 8Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 9Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 10Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 11Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 12Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
FUNCTIONAL DESCRIPTION
The LM96063 Remote Diode Temperature Sensor with Integrated Fan Control incorporates a
ΔVBE-based
temperature sensor utilizing a Local or Remote diode and a 10-bit plus sign
ΔΣ ADC (Delta-Sigma Analog-to-
Digital Converter). The pulse-width modulated (PWM) open-drain output, with a pull-up resistor, is driven by a 12-
point temperature to duty cycle look-up table (LUT) and can directly drive a PWM input of a 4-pin fan in order to
modulate it's speed enabling optimum system acoustic performance. The LM96063 LUT fan control algorithm
also includes a smoothing function that allows the PWM duty cycle to gradually change over a programmed time
interval when switching from one level to the next in the LUT. When running at a frequency of 22.5kHz the PWM
output resolution is 0.39%. The LM96063 includes a TACH input that can measure the speed of a fan using the
pulses from a 3 or 4 pin fan’s tachometer output. The LM96063 includes a smart-tach measurement mode to
accommodate the corrupted tachometer pulses when using switching transistor power drive to modulate the fan
speed. The LM96063 has an ALERT open-drain output that will be pulled low when the measured temperature
exceeds certain programmed limits when enabled. Details are contained in the sections below.
The LM96063 can measure a diode-connected transistor such as the MMBT3904 or the thermal diode found in
an FPGA, ASIC, Processor or any other device built on an SOI process accurately. The LM96163 is identical to
the LM96063 except the TruTherm BJT Beta compensation is included. Thermal diode TruTherm BJT
compensation circuitry is required when sensing thermal diodes mainly found in 22/45/65/90 nm conventional
bulk CMOS non SOI processes.
The LM96063's two-wire interface is compatible with the SMBus Specification 2.0. For more information the
reader is directed to www.smbus.org.
In the LM96063 digital comparators are used to compare the measured Local Temperature (LT) to the Local
High Setpoint user-programmable temperature limit register. The measured Remote Temperature (RT) is digitally
compared to the Remote High Setpoint (RHS), the Remote Low Setpoint (RLS), and the Remote T_CRIT
Setpoint (RCS) user-programmable temperature limits. An ALERT output will occur when the measured
temperature is: (1) higher than either the High Setpoint or the T_CRIT Setpoint, or (2) lower than the Low
Setpoint. The ALERT Mask register allows the user to prevent the generation of these ALERT outputs. A TCRIT
output will occur when the measured temperature is higher than the T_CRIT Setpoint.
The TCRIT function and the look-up table temperature hysteresis can be set separately. The hysteresis value
associated with the TCRIT output is set in the Remote T_CRIT Hysteresis Register. The value associated with
the look-up table function is set in the Lookup Table Hysteresis Register.
The LM96063 may be placed in a low power Standby mode by setting the Standby bit found in the Configuration
Register. In the Standby mode continuous conversions are stopped. In Standby mode the user may choose to
allow the PWM output signal to continue, or not, by programming the PWM Disable in Standby bit in the
Configuration Register.
The Local Temperature reading and setpoint data registers are 8-bits wide. The format of the 11-bit remote
temperature data is a 16-bit left justified word. Two 8-bit registers, high and low bytes, are provided for each
setpoint as well as the temperature reading. A digital filter may be invoked for remote temperature readings that
increases the resolution from 11-bits to 13-bits. The temperature readings are also available in an unsigned
format allowing resolution above 127°C. Two Remote Temperature Offset (RTO) Registers: High Byte and Low
Byte (RTOHB and RTOLB) may be used to correct the temperature readings by adding or subtracting a fixed
value based on a different non-ideality factor and series resistance of the thermal diode if different from the
thermal diode found in the Intel processors on 45 nm process. See section DIODE NON-IDEALITY.
ALERT and TCRIT OUTPUTS
In this section we will address the ALERT and TCRIT active-low open-drain output functions. When the ALERT
Mask bit in the Configuration register is written as zero the ALERT interrupts are enabled.
The LM96063's ALERT pin is versatile and can produce three different methods of use to best serve the system
designer: (1) as a temperature comparator (2) as a temperature-based interrupt flag, and (3) as part of an
SMBus ALERT System. The three methods of use are further described below. The ALERT and interrupt
methods are different only in how the user interacts with the LM96063.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com