전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM96063CISDX/NOPB 데이터시트(PDF) 37 Page - Texas Instruments

부품명 LM96063CISDX/NOPB
상세설명  LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

LM96063CISDX/NOPB 데이터시트(HTML) 37 Page - Texas Instruments

Back Button LM96063CISDX/NOPB Datasheet HTML 33Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 34Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 35Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 36Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 37Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 38Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 39Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 40Page - Texas Instruments LM96063CISDX/NOPB Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
x
PCB
R
¸
¹
·
:
62
.
0
=
ER
T
C
º
¨
©
§
MMBT3904
LM96063
100 pF
PROCESSOR
IR
IF
IC IR
IE = IF
LM96063
100 pF
2
2
3
3
D+
D+
D-
D-
LM96063
www.ti.com
SNIS149B – NOVEMBER 2011 – REVISED MARCH 2013
Equation 8 holds true when a diode connected transistor such as the MMBT3904 is used. When this “diode”
equation is applied to an integrated diode such as a processor transistor with its collector tied to GND as shown
in Figure 14 it may yield a wide non-ideality spread. This wide non-ideality spread is not due to true process
variation but due to the fact that Equation 8 is an approximation.
Figure 14. Thermal Diode Current Paths
Calculating Total System Accuracy
The voltage seen by the LM96063 also includes the IFRS voltage drop of the series resistance. The non-ideality
factor,
η, is the only other parameter not accounted for and depends on the diode that is used for measurement.
Since
ΔVBE is proportional to both η and T, the variations in η cannot be distinguished from variations in
temperature. Since the non-ideality factor is not controlled by the temperature sensor, it will directly add to the
inaccuracy of the sensor. As an example, assume a temperature sensor has an accuracy specification of ±1.0°C
at a temperature of 80°C (353 Kelvin) and the processor diode has a non-ideality variation of ±0.39%. The
resulting system accuracy of the processor temperature being sensed will be:
TACC = ±0.75°C + (±0.39% of 353 K) = ± 2.16 °C
(9)
The next error term to be discussed is that due to the series resistance of the thermal diode and printed circuit
board traces. The thermal diode series resistance is specified on most processor data sheets and is in the range
of several ohms. The LM96063 does not need to be compensated for series resistance errors if the manufacturer
of the thermal diode says that the diode they provide matches the performance of an MMBT3904. If they provide
a typical series resistance number that does not have to be compensated for because it is taken into account.
The error that is not accounted for is the spread of the processor's series resistance and additional PCB trace
resistance. The equation used to calculate the temperature error (TER) due to thermal diode series resistance
variation is simply:
(10)
Solving Equation 10 for RPCB equal to -1.5Ω to 2.5Ω results in the additional error due to the spread in this series
resistance of -0.93°C to +1.55°C. The spread in error cannot be canceled out, as it would require measuring
each individual thermal diode device. This is quite difficult and impractical in a large volume production
environment.
Equation 10 can also be used to calculate the additional error caused by series resistance on the printed circuit
board. Since the variation of the PCB series resistance is minimal, the bulk of the error term is always positive
and can simply be cancelled out by subtracting it from the output readings of the LM96063 using the Remote
Temperature Offset register.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: LM96063



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com