전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC08B200 데이터시트(PDF) 29 Page - Texas Instruments

부품명 ADC08B200
상세설명  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200 데이터시트(HTML) 29 Page - Texas Instruments

Back Button ADC08B200 Datasheet HTML 25Page - Texas Instruments ADC08B200 Datasheet HTML 26Page - Texas Instruments ADC08B200 Datasheet HTML 27Page - Texas Instruments ADC08B200 Datasheet HTML 28Page - Texas Instruments ADC08B200 Datasheet HTML 29Page - Texas Instruments ADC08B200 Datasheet HTML 30Page - Texas Instruments ADC08B200 Datasheet HTML 31Page - Texas Instruments ADC08B200 Datasheet HTML 32Page - Texas Instruments ADC08B200 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
ADC08B200
www.ti.com
SNAS388F – MARCH 2007 – REVISED APRIL 2013
The DRDY output should be have a load that is identical to the load of the digital data outputs to ensure that the
DRDY output edge transitions at the same time as does the data.
The WENSYNC Pin
This output is synchronous with the internal sample clock and is provided as an indication as to when sampling
takes place. The actual point in time when sampling takes place is as indicated in Figure 3.
The EF Pin
This Empty Flag goes high, synchronous with the internal sample clock, when the Capture Buffer is empty, either
by the buffer having been completely read or upon RESET of the device. This output goes low when one or more
bytes is written to the buffer. When EF goes high, the DRDY and Data outputs stop switching and both DRDY
and the Data lines remain low if OEDGE=1, or high if OEDGE=0.
The FF Pin
The Full Flag output indicates that the buffer is full and goes high, synchronous with the internal sample clock,
when the capture buffer is full. If the WEN input remains high, the rise of the next sample clock after the FF
output goes high will cause the buffer pointer to "wrap around" and start writing over the previous data unless the
ASW input is high. The FF signal goes low when the REN signal goes high and the full condition no longer
exists. This signal also goes low upon a RESET of the device.
CLOCK OPTIONS
The ADC08B200 incorporates a PLL to facilitate clocking. The PLL, like any PLL or DLL, can add phase noise to
the clock signal and so to the conversion process. The effect of this phase noise increases with higher analog
signal input frequencies. If a stable clock source at the desired sample rate is available, it is preferable to use
that clock as the sample clock for the ADC08B200, bypassing the PLL. If such a source is not available, the
internal PLL may be used to multiply the input clock frequency by 2, 4 or 8 to obtain the desired sample rate from
a lower frequency clock source.
Bypassing the PLL or setting the CLK frequency multiplier is accomplished through the use of the two MULT pins
as indicated in Table 1. Expected noise performance with and without the use of the PLL is indicated in TYPICAL
PERFORMANCE CHARACTERISTICS.
Table 1. MULT Pin Function
MULT1
MULT0
CLK Frequency Multiplier
CLK Frequency Range (MHz)
0
0
1
1 - 210
0
1
2
15 - 105
1
0
4
15 - 50
1
1
8
15 - 25
The internal sampling clock frequency is the input clock frequency at the CLK pin multiplied by the multiplier in
Table 1. When the PLL is bypassed, the input clock at the CLK pin is used as the sample clock and the PLL is
disabled.
USING THE DATA BUFFER
The Data Buffer has read and write pointers and the first word written to it is the first word read from it. The Data
Buffer is configurable to 256-, 512-, or 1024- bytes, and must be completely filled to the configured number of
bytes before it can be read. The "FF" flag goes high once the configured number of bytes is in the buffer are
read. Once the data buffer contents are completely read, indicated by the "EF" flag going high, the same data
cannot be read again. It is possible to read back only part of the buffer contents. Asserting the WEN high input,
even while a valid read operation is under way, will cause a resetting of the read and write pointers and initiation
of a write operation.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADC08B200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com