| 전자부품 데이터시트 검색엔진 |
|
L9679E 데이터시트(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679E 데이터시트(HTML) 19 Page - STMicroelectronics |
|
19 / 127 page ![]() RID / WID Hex R/W Name Description Operating state(1) 0 0 0 1 1 1 0 0 0x1C 0 0 0 1 1 1 0 1 0x1D 0 0 0 1 1 1 1 0 0x1E 0 0 0 1 1 1 1 1 0x1F R DCMTS01 Deployment current monitor register 0 0 1 0 0 0 0 0 0x20 R DCMTS23 0 0 1 0 0 0 0 1 0x21 R DCMTS45 0 0 1 0 0 0 1 0 0x22 R DCMTS67 0 0 1 0 0 0 1 1 0x23 0 0 1 0 0 1 0 0 0x24 0 0 1 0 0 1 0 1 0x25 R/W SPIDEPEN Lock/Unlock command √ 0 0 1 0 0 1 1 0 0x26 R LP_GNDLOSS Loss of ground fault for squib/pyroswitch loops 0 0 1 0 0 1 1 1 0x27 R VERSION_ID Device version 0 0 1 0 1 0 0 0 0x28 0 0 1 0 1 0 0 1 0x29 0 0 1 0 1 0 1 0 0x2A 0 0 1 0 1 0 1 1 0x2B 0 0 1 0 1 1 0 0 0x2C 0 0 1 0 1 1 0 1 0x2D R/W CLK_CONF Clock configuration √ √ √ 0 0 1 0 1 1 1 0 0x2E 0 0 1 0 1 1 1 1 0x2F 0 0 1 1 0 0 0 0 0x30 0 0 1 1 0 0 0 1 0x31 W SAFING_STATE Safing State command √ √ 0 0 1 1 0 0 1 0 0x32 0 0 1 1 0 0 1 1 0x33 0 0 1 1 0 1 0 0 0x34 0 0 1 1 0 1 0 1 0x35 DIAG_STATE Diag State command √ √ √ 0 0 1 1 0 1 1 0 0x36 R/W SYSDIAGREQ Diagnostic command for system safing √ 0 0 1 1 0 1 1 1 0x37 R LPDIAGSTAT Diagnostic result register for deployment loops 0 0 1 1 1 0 0 0 0x38 R/W LPDIAGREQ Diagnostic configuration command for deployment loops √ √ 0 0 1 1 1 0 0 1 0x39 L9679E SPI interface DS12485 - Rev 8 page 19/127 |