전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBW 데이터시트(PDF) 28 Page - Texas Instruments

부품명 TUSB2E2211005VBW
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW 데이터시트(HTML) 28 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 24Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 25Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 26Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 27Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 28Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 30Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 31Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
Note
Frame based low power mode is enabled by default. If using TUSB2E221 in pin-strap mode, this
feature can not be disabled. Contact Section 11.3 if a device variant with frame based low power
mode disabled in pin-strap mode is needed.
8.5 Programming
8.5.1 I2C Target Interface
I2C target interface enables access to internal registers by the system application processor. The primary
function of the interface is to enable configuring various PHY parameters, controlling the GPIO pins, and
enabling USB-BC functions. The TUSB2E221 repeater functions operates after power up without requiring I2C
configuration.
The TUSB2E221 has I2C 7-bit target address of 0x4F. 8-bit address of Write: 0x9E and Read: 0x9F.
I2C default target address can be changed at the factory through one-time programming.
I2C drive strength can be changed through the I2C.
Table 8-5. Recommended I2C Drive Strength for I2C Bus Speed, Bus Pullup and Bus Capacitance
I2C FM+ (1MHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
N/A
N/A
10-90
≅8mA
N/A
N/A
N/A
10-150
N/A
N/A
N/A
N/A
10-200
N/A
N/A
N/A
N/A
I2C FM (400kHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
≅2mA
N/A
10-90
≅8mA
≅4mA
N/A
N/A
10-150
≅8mA
≅8mA
N/A
N/A
10-200
≅8mA
N/A
N/A
N/A
I2C STD (100kHz Max)
I2C drive strength (IOL) selection
I2C bus pullup RPU
C(bus) pF
1kΩ
2.2kΩ
4kΩ
7kΩ
10-50
≅8mA
≅4mA
≅2mA
≅1mA
10-90
≅8mA
≅4mA
≅2mA
≅1mA
10-150
≅8mA
≅4mA
≅2mA
≅2mA
10-200
≅8mA
≅4mA
≅2mA
≅2mA
Figure 8-5. I2C Write with Data
Use this procedure to write data to TUSB2E221 I2C registers (refer to Figure 8-5):
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com