전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBW 데이터시트(PDF) 36 Page - Texas Instruments

부품명 TUSB2E2211005VBW
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW 데이터시트(HTML) 36 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 32Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 33Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 34Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 35Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 36Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 37Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 38Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 39Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Table 9-7. U_HS_TX_PRE_EMPHASIS_P0 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
3
U_HS_TX_PE_ENABL
E_P0
RH/W
1h
Y
USB HS TX Pre-emphasis Enable
Default through OTP
PE is disabled during chirp J (VCHIRPJ) or chirp K (VCHIRPK)
0h = Disabled (hw default)
1h = Enabled
2-0
U_HS_TX_PRE_EMPH
ASIS_P0
RH/W
1h
Y
U2_TXPE Adjustment
USB HS TX Pre-emphasis (0.5dB-4.0dB)
Default through OTP
PE is disabled during chirp J (VCHIRPJ) or chirp K (VCHIRPK)
0h = 0.5dB (typical) (hw default)
1h = 0.9dB (typical)
2h = 1.2dB (typical)
3h = 1.7dB (typical)
4h = 2.1dB (typical)
5h = 2.5dB (typical)
6h = 3.2dB (typical)
7h = 4.0dB (typical)
9.1.6 U_RX_ADJUST_PORT0 Register (Offset = 32h) [Reset = D2h]
U_RX_ADJUST_PORT0 is shown in Table 9-8.
Return to the Summary Table.
Hardware default value can be overridden through factory programmable OTP for this register.
Table 9-8. U_RX_ADJUST_PORT0 Register Field Descriptions
Bit
Field
Type
Reset
Default
from OTP
(Y/N)
Description
7-6
i2c_ds_config
RH/W
3h
Y
I2C open-drain output drive strength selection
This is intended to be set through I2C. (The pin can be set
through RAP only if repeater 0 is enabled)
Default through OTP
0h = approximately 1mA (typical)
1h = approximately 2mA (typical)
2h = approximately 4mA (typical)
3h = approximately 8mA (typical) (hw default)
5-4
RESERVED
RH/W
1h
Reserved
3
RESERVED
RH/W
0h
Reserved
2-0
U_EQ_P0
RH/W
2h
Y
EQ_UHS Adjustment
USB RX Equalizer Control (0-3.35dB)
Default through OTP
0h = 0.06dB (typical) (hw default)
1h = 0.58dB (typical)
2h = 1.09dB (typical)
3h = 1.56dB (typical)
4h = 2.26dB (typical)
5h = 2.67dB (typical)
6h = 3.03dB (typical)
7h = 3.35dB (typical)
9.1.7 U_DISCONNECT_SQUELCH_PORT0 Register (Offset = 33h) [Reset = 74h]
U_DISCONNECT_SQUELCH_PORT0 is shown in Table 9-9.
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com