전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBW 데이터시트(PDF) 51 Page - Texas Instruments

부품명 TUSB2E2211005VBW
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW 데이터시트(HTML) 51 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 47Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 48Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 49Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 50Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 51Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 52Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 53Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 54Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 63 page
background image
10.2.2.1 eUSB PHY Settings Recommendation
Table 10-1 shows the recommended eUSB PHY register settings for different eUSB lengths.
Table 10-1. Recommended eUSB PHY Settings based on FR4 length
eUSB PHY Register
2.5 inches
5 inches
7.5 inches
10 inches
E_EQ_Px
0
2
4
6
E_HS_TX_AMPLITUDE_Px
3
4
5
6
E_HS_PRE_EMPHASIS_Px
0
2
3
4
10.2.3 Application Curve
Figure 10-2. Typical USB 2.0 High-Speed Eye Diagram
10.3 Power Supply Recommendations
10.3.1 Power-Up Reset
The RESETB pin is an active-low reset pin that can also be used as a power-down pin.
The TUSB2E221 does not have power supply sequence requirements between VDD3V3 and VDD1V8.
Make sure the maximum VDD3V3 and VDD1V8 ramp time to reach minimum supply voltages is 2ms.
An internal power-on reset circuit along with the external RESETB input pin allows for proper initialization when
RESETB is deasserted high prior to the power rails being valid. If RESETB deasserts high before the power
supplies are stable, the internal power-on reset circuit can hold off internal reset until the supplies are stable.
After the RESETB deassertion, followed by internally generated reset signal and 1ms delay, CROSS pin is
sampled and latched.
After the RESETB deassertion and after t_RH_READY, the TUSB2E221 is enabled and enters default state, ready
to accept eUSB2 packets. Each repeater is either in host repeater mode or device repeater mode depending on
the receipt of either host mode enable or peripheral mode enable.
www.ti.com
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
51
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com