전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBW 데이터시트(PDF) 10 Page - Texas Instruments

부품명 TUSB2E2211005VBW
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW 데이터시트(HTML) 10 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 6Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 7Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 8Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 9Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 10Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 11Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 12Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 13Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
TUSB2E221
TUSB2E221
UNIT
VBW (WQFN)
YCG (DSBGA)
20 PINS
25 PINS
RθJA
Junction-to-ambient thermal resistance
71.9
73.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
25.9
0.4
°C/W
RθJB
Junction-to-board thermal resistance
31.7
18.9
°C/W
ΨJT
Junction-to-top characterization parameter
0.5
0.2
°C/W
ΨJB
Junction-to-board characterization parameter
30.9
18.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
6.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER
PWC_1_1V8
Absolute worst case power consumption
- One Repeater (VDD1V8 only)
VIOSEL is high or low, I2C interface
active, GPIOs in output mode, one
repeater is disable and one repeater
in HS mode with USB transmitting,
maximum RX EQ, TX VOD and PE
settings, maximum transition density.
275
mW
PWC_1_3V3
Absolute worst case power consumption
- One Repeater (VDD3V3 only)
VIOSEL is high or low, I2C interface
active, GPIOs in output mode, one
repeater is disable and one repeater
in HS mode with USB transmitting,
maximum RX EQ, TX VOD and PE
settings, maximum transition density.
25
mW
PWC_2_1V8
Absolute worst case power consumption
- Two Repeaters (VDD1V8 only)
VIOSEL is high or low, I2C interface
active, GPIOs in output mode, both
repeaters in HS mode with USB
transmitting, maximum RX EQ, TX VOD
and PE settings, maximum transition
density.
550
mW
PWC_2_3V3
Absolute worst case power consumption
- Two Repeaters (VDD3V3 only)
VIOSEL is high or low, I2C interface
active, GPIOs in output mode, both
repeaters in HS mode with USB
transmitting, maximum RX EQ, TX VOD
and PE settings, maximum transition
density.
50
mW
PHS_IOC_1
USB Audio ISOC High -Speed - one
repeater only
Maximum TX Vod/Maximum TX PE for
both USB and eUSB2. Averaged over
8ms and only 1uFrame with data packet.
Toffthreshold = 1/32. Host Peripheral
mode. Frame Based Low power mode
enabled
70
mW
PHS_IDLE_LP_1
High Speed Idle (Host Mode) - one
repeater
L0.Idle. TA = 85℃. (Typical at 25℃).
Default PHY tuning settings for eUSB2
and USB. Frame based and response
based low power mode enabled
26
70
mW
PHS_IDLE_LP_1
High Speed Idle (Peripheral Mode) - one
repeater
L0.Idle. TA = 85℃. (Typical at 25℃).
Default PHY tuning settings for eUSB2
and USB. Frame based low power mode
disabled and response based low power
mode enabled
108
200
mW
PPD
Powered down
Device powered, RESETB=Low,
TA=25℃, (DP/DN Voltage ≤ VDD3V3).
10
µW
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com