전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB2E2211005VBW 데이터시트(PDF) 32 Page - Texas Instruments

부품명 TUSB2E2211005VBW
상세설명  TUSB2E221 USB 2.0-eUSB2 Dual Repeater
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB2E2211005VBW 데이터시트(HTML) 32 Page - Texas Instruments

Back Button TUSB2E2211005VBW Datasheet HTML 28Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 29Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 30Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 31Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 32Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 33Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 34Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 35Page - Texas Instruments TUSB2E2211005VBW Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Complex bit access types are encoded to fit into small table cells. Table 9-2 shows the codes that are used for
access types in this section.
Table 9-2. TUSB2E221 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
W1C
W
1C
Write
1 to clear
WtoPH
W
toPH
Write
Pulse high
Reset or Default Value
-n
Value after reset or the default
value
9.1.1 GPIO0_CONFIG Register (Offset = 0h) [Reset = 00h]
GPIO0_CONFIG is shown in Table 9-3.
Return to the Summary Table.
Table 9-3. GPIO0_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
GPIO0_OD_PP
R/W
0h
GPIO0 Output Type
0h = Open drain output
1h = Push pull output
6
GPIO0_IN_TRIGGER_TY
PE
R/W
0h
GPIO0 Input Trigger Type for Interrupt
0h = Edge trigger input
1h = Level trigger input (INT output reflects the input level state)
5
GPIO0_DIRECTION
R/W
0h
GPIO0 Direction
0h = Input
1h = Output
4
GPIO0_INPUT_STATUS
RH
0h
Logical Value of GPIO0 pin input
(0=Low, 1=High)
0h = Input is low
1h = Input is high
TUSB2E221
SNLS757D – JUNE 2024 – REVISED OCTOBER 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB2E221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63