전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304064 데이터시트(PDF) 37 Page - TE Connectivity Ltd

부품명 01304064
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304064 데이터시트(HTML) 37 Page - TE Connectivity Ltd

Back Button 01304064 Datasheet HTML 33Page - TE Connectivity Ltd 01304064 Datasheet HTML 34Page - TE Connectivity Ltd 01304064 Datasheet HTML 35Page - TE Connectivity Ltd 01304064 Datasheet HTML 36Page - TE Connectivity Ltd 01304064 Datasheet HTML 37Page - TE Connectivity Ltd 01304064 Datasheet HTML 38Page - TE Connectivity Ltd 01304064 Datasheet HTML 39Page - TE Connectivity Ltd 01304064 Datasheet HTML 40Page - TE Connectivity Ltd 01304064 Datasheet HTML 41Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
V-37
www.hubbell-wiring.com
Wiring Device-Kellems
®
Suitable For Standard Electrical Rigid Metal Conduit and Schedule 40 Rigid PVC Conduit Only
Cable
Sizes
In. (cm)
.50"- .62"
(1.27-1.57)
.63"-.74"
(1.60-1.88)
.75"- .99"
(1.90-2.51)
1.00"- 1.24"
(2.54-3.15)
1.25"- 1.49"
(3.17-3.78)
1.50"-1.74"
(3.81-4.42)
1.75"-1.99"
(4.44-5.05)
2.00"- 2.49"
(5.08-6.32)
2.50" -2.99"
(6.35-7.59)
3.00"- 3.49"
(7.62-8.86)
3.50"- 3.99"
(8.89-10.13)
Model
R050
R062
R075
R100
R125
R150
R175
R200
R250
R300
R350
Length
In. (cm)
8" (20.32)
9" (22.86)
11" (27.94) 12" (30.48) 12" (30.48)
14" (35.56)
15" (38.10)
17" (43.18)
18" (45.72)
20" (50.80)
21" (53.34)
Conduit
Sizes
Inches
Catalog Number
Approx. Breaking Strength Lbs. (N)
¾
02211106
530 (2,357)
1
02211100
490 (2,179)
02211101
790 (3,514)
02211001
450 (2,002)
02211002
740 (3,292)
02211003
1,030 (4,581)
02211006
690 (3,069)
02211007
970 (4,315)
02211009
1,610 (7,161)
2
02211107
640 (2,847)
02211010
920 (4,092)
02211012
1,520 (6,761)
02211013
1,610 (7,161)
02211017
1,510 (6,716)
02211018
1,610 (7,161)
02211019
2,150 (9,563)
3
02211022
1,340 (5,960)
02211023
1,400 (6,227)
02211024
1,490 (6,627)
02211025
1,990 (8,851)
02211026
3,260 (14,500)
02211033
2,970 (13,211)
02211034
3,260 (14,500)
4
02211040
1,670 (7,248)
02211041
2,680 (11,921)
02211042
2,890 (12,855)
02211043
4,080 (18,148)
5
02211061
2,150 (9,563)
02211062
2,860 (12,721)
02211063
3,130 (13,922)
6
02211072
2,245 (9,986)
02211073
2,245 (9,986)
Note: See page V-45 for multiple cables in a single conduit riser grip.
Wire Management Products
Conduit Riser Grips
Ring Type, Single Weave, Tin-Coated Bronze
Single Weave, Closed Mesh
Kellems® Conduit Riser Support Grips are available in closed mesh and in split mesh
with lace or rod closures, to cover all applications including single cable or multiple wire
support. Refer to page V-45 for grip selection assistance for cable bundles. The standard
material is tin-coated bronze strand. The grip is permanently fastened to a support ring,
resulting in a one piece unit which will allow air ventilation within the conduit. The ring
will fit standard electrical rigid metal conduit and schedule 40 rigid PVC conduit only.
See page V-40 for ring dimensions. For permanent support when cable end is available
to be installed through the grip.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-41 and V-45.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com