전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304064 데이터시트(PDF) 7 Page - TE Connectivity Ltd

부품명 01304064
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304064 데이터시트(HTML) 7 Page - TE Connectivity Ltd

Back Button 01304064 Datasheet HTML 3Page - TE Connectivity Ltd 01304064 Datasheet HTML 4Page - TE Connectivity Ltd 01304064 Datasheet HTML 5Page - TE Connectivity Ltd 01304064 Datasheet HTML 6Page - TE Connectivity Ltd 01304064 Datasheet HTML 7Page - TE Connectivity Ltd 01304064 Datasheet HTML 8Page - TE Connectivity Ltd 01304064 Datasheet HTML 9Page - TE Connectivity Ltd 01304064 Datasheet HTML 10Page - TE Connectivity Ltd 01304064 Datasheet HTML 11Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
V-7
www.hubbell-wiring.com
Wiring Device-Kellems
®
Kellems® Wire Management Products
Overhead Multiple Strength Pulling Grips
Flexible or Rotating Eye, Triple, Double, Single Weave, Galvanized Steel
Multiple Strength Style Grips
Multiple Strength Pulling Grips are designed for pulling aluminum or copper bare
conductor, ground wires, messenger strands, wire rope and insulated cables.
Multiple Strength Grip-Rotating Eye
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Rotating Eye Dia.
Inches (cm)
Color Code
Catalog Number
.25"-.49" (.63-1.24)
6,800 (30,246)
5" (12.70)
26" (66.04)
⁷⁄₈
" (2.22)
Dark Green
03302016
.50"-.74" (1.27-1.88)
10,000 (44,480)
6" (15.24)
32" (81.28)
1" (2.54)
Brown
03302018
.75"-.99" (1.90-2.51)
14,400 (64,051)
6" (15.24)
41" (104.14)
1" (2.54)
Light Blue
03302020
1.00"-1.24" (2.54-3.15)
24,600 (109,420)
8" (20.32)
52" (132.08)
1³⁄₈
" (3.49)
Gold
03302022
1.25"-1.49" (3.17-3.78)
30,600 (136,109)
8" (20.32)
56" (142.24)
1⁵⁄₈
" (4.13)
Black
03302024
1.50"-1.74" (3.81-4.42)
30,600 (136,109)
9" (22.86)
60" (152.40)
1⁷⁄₈
" (4.76)
Red
03302026
1.75"-2.24" (4.44-5.69)
48,000 (213,504)
10" (25.40)
70" (177.80)
1⁷⁄₈
" (4.76)
Dark Blue
03302028
2.00"-2.49" (5.08-6.32)
48,000 (213,504)
10" (25.40)
50" (127.00)
1⁷⁄₈
" (4.76)
Yellow
03302066
2.50"-2.99" (6.35-7.59)
48,000 (213,504)
10" (25.40)
52" (132.08)
1⁷⁄₈
" (4.76)
Orange
03302097
3.00"-3.49" (7.62-8.86)
48,000 (213,504)
10" (25.40)
50" (127.00)
1⁷⁄₈
" (4.76)
Aluminum
033021030
3.50"-3.99" (8.89-10.13)
48,000 (213,504)
10" (25.40)
53" (134.62)
1⁷⁄₈
" (4.76)
Light Green
033021031
Note: E- Eye length M-Mesh length at nominal diameter.
Multiple Strength Grip-Flexible Eye
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Eye A Dia.
Inches (cm)
Color Code
Catalog Number
.25"-.49" (.63-1.24)
6,800 (30,246)
9" (22.86)
26" (66.04)
¹⁄₄
" (.63)
Dark Green
03302044
.50"-.74" (1.27-1.88)
10,000 (44,480)
9" (22.86)
32" (81.28)
⁵⁄₁₆
" (.79)
Brown
03302046
.75"-.99" (1.90-2.51)
14,400 (64,051)
11" (27.94)
41" (104.14)
³⁄₈
" (.95)
Light Blue
03302048
1.00"-1.24" (2.54-3.15)
24,600 (109,420)
12" (30.48)
52" (132.08)
¹₂
" (1.27)
Gold
03302050
1.25"-1.49" (3.17-3.78)
30,600 (136,109)
12" (30.48)
56" (142.24)
¹₂
" (1.27)
Black
03302052
1.50"-1.74" (3.81-4.42)
30,600 (136,109)
12" (30.48)
60" (152.40)
¹₂
" (1.27)
Red
03302054
1.75"-2.24" (4.44-5.69)
48,000 (213,504)
18" (45.72)
70" (177.80)
⁵⁄₈
" (1.59)
Dark Blue
03302056
2.00"-2.49" (5.08-6.32)
48,000 (213,504)
18" (45.72)
50" (127.00)
⁵⁄₈
" (1.59)
Yellow
033021078
2.50"-2.99" (6.35-7.59)
48,000 (213,504)
18" (45.72)
52" (132.08)
⁵⁄₈
" (1.59)
Orange
033021079
3.00"-3.49" (7.62-8.86)
48,000 (213,504)
18" (45.72)
50" (127.00)
⁵⁄₈
" (1.59)
Aluminum
033021080
3.50"-3.99" (8.89-10.13)
48,000 (213,504)
18" (45.72)
53" (134.62)
⁵⁄₈
" (1.59)
Light Green
033021081
Note: E- Eye length. M-Mesh length at nominal diameter.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
M
E
M
A
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com