전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304064 데이터시트(PDF) 74 Page - TE Connectivity Ltd

부품명 01304064
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304064 데이터시트(HTML) 74 Page - TE Connectivity Ltd

Back Button 01304064 Datasheet HTML 70Page - TE Connectivity Ltd 01304064 Datasheet HTML 71Page - TE Connectivity Ltd 01304064 Datasheet HTML 72Page - TE Connectivity Ltd 01304064 Datasheet HTML 73Page - TE Connectivity Ltd 01304064 Datasheet HTML 74Page - TE Connectivity Ltd 01304064 Datasheet HTML 75Page - TE Connectivity Ltd 01304064 Datasheet HTML 76Page - TE Connectivity Ltd 01304064 Datasheet HTML 77Page - TE Connectivity Ltd 01304064 Datasheet HTML 78Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 106 page
background image
www.hubbell-wiring.com
V-74
Wiring Device-Kellems
®
Kellems® Wire Management Products
Technical Information
Strain Relief for Liquidtight Conduit
Strain Relief Grips for Liquidtight Flexible Metal and PolyTuff® I Non-Metallic Conduit
Kellems Liquidtight, Flexible Metal Conduit Grips are offered with high quality Hubbell plated steel fittings in a wide variety of
NPT sizes and configurations, either insulated or non-insulated. The addition of a stainless steel mesh to these fittings makes
them stronger than the conduit itself. Kellems Conduit Grips helps prevent conduit pull-out from the connecting fitting that
is subject to stress, pull tension, vibration, motion or strain. They promote safe electrical systems and reduce equipment
downtime.
Application
Kellems Conduit Grips are used in the wiring of machine tools, motors, molding equipment, transformers, weaving and
paper machines, fans, lighting, bakeries, breweries, food processing, chemical plants, dairies, mines and any application that
requires Liquidtight Conduit.
Benefits
• Helps prevent conduit pull-out and damage at the fitting.
• Reduces equipment downtime.
• Liquidtight fittings.
• Easily installed.
• Stainless steel grip resists corrosion.
Kellems Conduit Grips are suitable for use in hazardous locations per Class I Div. 2, Class II Div. 1 & 2, Class III Div. 1 & 2 of
the National Electric Code.
Hardened Steel Locknut
has tangs that dig into box
for excellent continuity of
ground; locknut will not slip
or spin
Connectors with insulated throats protect
insulation on wires during wire pulling.
Yellow color easily seen by inspectors.
2½" - 4" sizes include insulating bushing
instead of fixed insulator
Steel grounding ferrule easily
threaded by hand. Fits convolutions
to conduit. Eliminates pullouts and
insures continuity of ground;
distortion free to remain reusable
Nylon gland ring is split for ease of installation
and greater compression. Reversible design
cannot be installed facing the wrong way. Nylon
is impervious to liquids, resistant to temperature
extremes and resists abrasion
Hexagonal compression nut is
screw machined steel through
1" and malleable iron on
larger sizes
Optional Sealing Washer gives
better liquidtight protection
around knockout of sheet metal
box. Neoprene gasket seals out
liquids and steel retaining ring
protects gasket from distortion;
order separately
Body is virtually unbreakable.
Straight connectors through 1" are
screw machine steel; other sizes
malleable iron. Threads at left are
tapered to insure liquidtight seal in
threaded hub. Liquidtight conduit
cutaway view shows flexible steel
core under plastic jacket
Wire mesh grip
prevents pullout
Liquidtight conduit cutaway
view shows flexible steel core
under plastic jacket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com