전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304064 데이터시트(PDF) 8 Page - TE Connectivity Ltd

부품명 01304064
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304064 데이터시트(HTML) 8 Page - TE Connectivity Ltd

Back Button 01304064 Datasheet HTML 4Page - TE Connectivity Ltd 01304064 Datasheet HTML 5Page - TE Connectivity Ltd 01304064 Datasheet HTML 6Page - TE Connectivity Ltd 01304064 Datasheet HTML 7Page - TE Connectivity Ltd 01304064 Datasheet HTML 8Page - TE Connectivity Ltd 01304064 Datasheet HTML 9Page - TE Connectivity Ltd 01304064 Datasheet HTML 10Page - TE Connectivity Ltd 01304064 Datasheet HTML 11Page - TE Connectivity Ltd 01304064 Datasheet HTML 12Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 106 page
background image
www.hubbell-wiring.com
V-8
Wiring Device-Kellems
®
K-Type Grips
Cable Diameter Range
Inches (cm)
Approx. Breaking
Strength Lbs. (N)
E
Inches (cm)
M
Inches (cm)
Rotating Eye Dia.
Inches (cm)
Catalog Number
Short
.50"-.62" (1.27-1.57)
5,600 (24,909)
5" (12.70)
11" (27.94)
⁷⁄₈
" (2.22)
03301001
.63"-.74" (1.60-1.88)
6,800 (30,246)
5" (12.70)
11" (27.94)
⁷⁄₈
" (2.22)
03301002
.75"-.99" (1.90-2.51)
6,800 (30,246)
6" (15.24)
20" (50.80)
1" (2.54)
03301013
1.00"-1.24" (2.54-3.15)
12,800 (56,934)
7" (17.78)
20" (50.80)
1³⁄₈
" (3.49)
03301014
1.25"-1.49" (3.17-3.78)
12,800 (56,934)
7" (17.78)
21" (53.34)
1³⁄₈
" (3.49)
03301016
1.50"-1.99" (3.81-5.05)
16,400 (72,941)
7" (17.78)
25" (63.50)
1³⁄₈
" (3.49)
03301017
2.00"-2.49" (5.08-6.32)
27,200 (120,986)
8" (20.32)
26" (66.04)
1⁵⁄₈
" (4.13)
03301018
2.50"-2.99" (6.35-7.59)
33,000 (146,784)
10" (25.40)
28" (71.12)
1⁷⁄₈
" (4.76)
03301019
3.00"-3.49" (7.62-8.86)
41,000 (182,368)
10" (25.40)
30" (76.20)
1⁷⁄₈
" (4.76)
03301020
3.50"-3.99" (8.89-10.13)
48,000 (213,504)
10" (25.40)
32" (81.28)
1⁷⁄₈
" (4.76)
03301021
4.00"-4.49" (10.16-11.40)
48,000 (213,504)
10" (25.40)
33" (83.82)
1⁷⁄₈
" (4.76)
033011017
Standard
.50"-.62" (1.27-1.57)
5,600 (24,909)
5" (12.70)
16" (40.64)
⁷⁄₈
" (2.22)
03301011
.63"-.74" (1.60-1.88)
6,800 (30,246)
5" (12.70)
16" (40.64)
⁷⁄₈
" (2.22)
03301012
.75"-.99" (1.90-2.51)
9,600 (42,701)
6" (15.24)
32" (81.28)
1" (2.54)
03301024
1.00"-1.49" (2.54-3.78)
16,400 (72,947)
7" (17.78)
33" (83.82)
1³⁄₈
" (3.49)
03301025
1.50"-1.99" (3.81-5.05)
16,400 (72,947)
7" (17.78)
34" (86.36)
1³⁄₈
" (3.49)
03301026
2.00"-2.49" (5.08-6.32)
27,200 (120,986)
9" (22.86)
36" (91.44)
1⁵⁄₈
" (4.13)
03301027
2.50"-2.99" (6.35-7.59)
33,000 (146,784)
10" (25.40)
38" (96.52)
1⁷⁄₈
" (4.76)
03301028
3.00"-3.49" (7.62-8.86)
41,000 (182,368)
10" (25.40)
39" (99.06)
1⁷⁄₈
" (4.76)
03301029
3.50"-3.99" (8.89-10.13)
48,000 (213,504)
10" (25.40)
41" (104.14)
1⁷⁄₈
" (4.76)
03301030
4.00"-4.49" (10.16-11.40)
48,000 (213,504)
10" (25.40)
42" (106.68)
1⁷⁄₈
" (4.76)
03301031
4.50"-4.99" (11.43-12.67)
48,000 (213,504)
10" (25.40)
58" (147.32)
1⁷⁄₈
" (4.76)
03301039
5.00"-5.99" (12.70-15.21)
40,000 (177,920)
10" (25.40)
60" (152.40)
1⁷⁄₈
" (4.76)
03301047
6.00"-6.99" (15.24-17.75)
48,000 (213,504)
10" (25.40)
66" (167.64)
1⁷⁄₈
" (4.76)
03301045
Note: E- Eye length. M-Mesh length at nominal diameter.
See page V-25 for multiple cables in a single pulling grip.
Kellems® Wire Management Products
Underground K-Type Pulling Grips
Rotating Eye, Double Weave, Galvanized Steel
K-Type Grips
Kellems® Rotating Eye, K-Type Pulling Grips are made of high strength galvanized steel
strand. All Grips feature double weave mesh for greater strength and added mesh contact
on the table, to handle longer or heavier pulling jobs. The forged eye mates easily with a
swivel or shackle.
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-17 to V-26.
M
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com