전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

01304064 데이터시트(PDF) 67 Page - TE Connectivity Ltd

부품명 01304064
상세설명  Wire Management Products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TEC [TE Connectivity Ltd]
홈페이지  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

01304064 데이터시트(HTML) 67 Page - TE Connectivity Ltd

Back Button 01304064 Datasheet HTML 63Page - TE Connectivity Ltd 01304064 Datasheet HTML 64Page - TE Connectivity Ltd 01304064 Datasheet HTML 65Page - TE Connectivity Ltd 01304064 Datasheet HTML 66Page - TE Connectivity Ltd 01304064 Datasheet HTML 67Page - TE Connectivity Ltd 01304064 Datasheet HTML 68Page - TE Connectivity Ltd 01304064 Datasheet HTML 69Page - TE Connectivity Ltd 01304064 Datasheet HTML 70Page - TE Connectivity Ltd 01304064 Datasheet HTML 71Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 106 page
background image
V-67
www.hubbell-wiring.com
Wiring Device-Kellems
®
Straight With Chase Fitting
Conduit
Trade Size
Inches
NPT
Fitting Size
Inches
Mesh Length
Inches
(cm)
Catalog Number
½
½
3.5"
(8.89)
07406079
¾
¾
4"
(10.16)
07406080
1
1
5"
(12.70)
07406081
6"
(15.24)
07406082
6.75"
(17.14)
07406083
45° Angle With Male Fitting
Conduit
Trade Size
Inches
NPT
Fitting Size
Inches
Mesh Length
Inches
(cm)
Catalog Number
(Insulated)
Catalog Number
(Non-insulated)
³⁄₈
½
3"
(7.62)
074093561
074093441
½
½
3.5"
(8.89)
074093562
074093442
¾
¾
4"
(10.16)
074093563
074093443
1
1
5"
(12.70)
074093564
074093444
6"
(15.24)
074093565
074093445
6.75"
(17.14)
074093566
074093446
2
2
8"
(20.32)
074093568
074093448
Note: For use with Liquidtight Metal conduit and PolyTuff® I Non-Metallic conduit.
Kellems® Wire Management Products
Strain Relief for Liquidtight Conduit
Steel Fitting, Stainless Steel Mesh for Liquidtight Metal Conduit and PolyTuff® I Non-Metallic Conduit
IMPORTANT
Read all breaking strength,
safety and technical data
relating to this product.
Pages V-74 to V-76.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com