전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4884BBCZ 데이터시트(PDF) 51 Page - Analog Devices

부품명 AD4884BBCZ
상세설명  Dual-Channel 16-Bit, 20MSPS, SAR ADC with Analog Front End
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4884BBCZ 데이터시트(HTML) 51 Page - Analog Devices

Back Button AD4884BBCZ Datasheet HTML 47Page - Analog Devices AD4884BBCZ Datasheet HTML 48Page - Analog Devices AD4884BBCZ Datasheet HTML 49Page - Analog Devices AD4884BBCZ Datasheet HTML 50Page - Analog Devices AD4884BBCZ Datasheet HTML 51Page - Analog Devices AD4884BBCZ Datasheet HTML 52Page - Analog Devices AD4884BBCZ Datasheet HTML 53Page - Analog Devices AD4884BBCZ Datasheet HTML 54Page - Analog Devices AD4884BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 116 page
background image
Data Sheet
AD4884
DIGITAL INTERFACE
analog.com
Rev. 0 | 51 of 116
Instruction Phase
An instruction phase immediately follows the assertion of the CSChX
pin (Logic 0) and is terminated by transmission of a complete
instruction packet or deassertion of CSChX. The instruction packet
starts with a single command bit indicating the operation type (Logic
1 for read and Logic 0 for write) that is then followed by the start
address for the operation. By default, the address is 15-bit long,
but the data interface has an optional short instruction mode in
which it is reduced to 7 bits. The short instruction mode is enabled
by setting the SHORT_INSTRUCTION bit = 1 in the Interface
Configuration B register (see the Interface Configuration B Register
section, Address 0x01).
Data Phase
Each instruction phase is immediately followed by an associated
data phase, during which data is either shifted out of the serial data
output (SDOChX) on the falling edge of SCLKChX (read access) or
is shifted into the device configuration memory through SDIChX on
the rising edge of SCLKChX (write access). The minimum size of the
data payload is defined as a single byte, however, it can include
multiple bytes depending on the depth of the register addressed
and the interface configuration settings for the SINGLE_INST and
STRICT_REGISTER_ACCESS bits (Register 0x01, Bit 7, and Reg-
ister 0x10, Bit 5, respectively).
Write Access
When CSChX is forced low, a new serial instruction phase begins.
The first bit sent in the instruction phase is the command bit, and
when it is forced low (Logic 0) this indicates a write operation. The
command bit is followed by an address that, for the write operation,
indicates where the information received in the subsequent data
phase is stored. As previously described in the Instruction Phase
section, the address has a default length of 15 bits, but the address
can be optionally shortened to 7 bits.
Following the instruction phase, an integer number of bytes con-
taining the data payload for one or more registers in the configu-
ration memory are transmitted to the AD4884 channel. The size
of the payload in this data phase is bounded by the selected SIN-
GLE_INST and STRICT_REGISTER_ACCESS interface options as
described in the Strict Access Selection and Multibyte Registers
section. Each data byte is loaded into the addressed register as
it is received, assuming the interface CRC is disabled. If the CRC
is enabled, however, the addressed data register is only loaded if
the internally computed checksum matches the CRC value received
from the host. In the event that the computed CRC and received
checksum from the host for a given entity are inconsistent, the
register update terminates and all subsequent data in the given
frame is treated as invalid as well. The checksum computation for
the interface CRC function is described in detail in the Configuration
Cyclical Redundancy Check (CRC) section.
Note that during the data phase of a write operation, the SDOChX
output is driven to Logic 0 when the product is not reporting the
latest CRC checksum to ensure a valid data state is presented to
the host controllers SDI pin.
Read Access
The SPI enables read access to the configuration registers to
validate previous configuration writes, read the device identification,
or verify the interface status.
When CSChX is forced low, a new serial instruction phase begins.
The first bit sent in the instruction phase is the command bit, and
when it is forced high (Logic 1) this indicates a read operation.
The command bit is followed by an address that, for the read
operation, indicates the start address for the register space to be
accessed. As previously described in the Instruction Phase section,
the address has a default length of 15 bits, but the address can be
optionally shortened to 7 bits.
During the subsequent data phase, content from the addressed
register space is shifted out, MSB first, on the SDOChX line on
the falling edge of SCLKChX. The number of bytes transmitted in
any one data frame is determined by the interface configuration set-
ting selections for the SHORT_INSTRUCTION and STRICT_REG-
ISTER_ACCESS options as demonstrated in the examples shown
in the Instruction Mode Selection and the Strict Access Selection
and Multibyte Registers sections.
Instruction Mode Selection
The configuration interface memory controller defaults to streaming
mode upon power up (SINGLE_INST = 0). In streaming mode, mul-
tiple, contiguous registers are accessed in a single SPI frame, start-
ing at the address specified in the instruction phase. In streaming
mode, only one instruction phase is permitted per SPI frame, requir-
ing a new SPI frame be initiated for changing access commands
or otherwise access a noncontiguous address in the register space.
For each byte transferred during the subsequent data phase, the
internal address counter is automatically updated according to the
setting of the ADDR_ASCENSION bit in the Interface Configuration
A register (see the Interface Configuration A Register section), in
the way specified by Table 15.
Table 15. Address Ascension Selection
ADDR_ASCENSION Bit
Value
Address Controller Behavior
(STRICT_REGISTER_ACCESS = 1)
0 (Default)
Decrement Address. Multibyte registers are accessed
by addressing the most significant byte address.
1
Increment Address. Multibyte registers are accessed
by addressing the least significant byte address.
Figure 91 shows the generic SPI frame formatting for a serial trans-
action using the default interface configuration. In this example,
a portion of the configuration register space consisting of a byte-
wide register and a multibyte register is accessed. The address
for the byte-wide register resides in the most significant address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com