전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GD32H757ZMT7 데이터시트(PDF) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

부품명 GD32H757ZMT7
상세설명  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
홈페이지  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 데이터시트(HTML) 34 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 30Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 31Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 151 page
background image
GD32H757xx Datasheet
33
LQFP144
Pin Name
Pins
Pin
Type(1)
I/O
Level(2)
Functions description
Alternate: TRACED1, TIMER2_CH2, TIMER7_CH2,
USART5_CK, UART4_RTS, UART4_DE, EXMC_NE1,
EXMC_INT, SDIO0_D0, DCI_D2, EVENTOUT
PC9
99
I/O
Default: PC9
Alternate: CK_OUT1, TIMER0_MCH3, TIMER2_CH3,
TIMER7_CH3, I2C2_SDA, I2S_CKIN, UART4_CTS,
OSPIM_P0_IO0, TLI_G3, SDIO0_D1, DCI_D3, TLI_B2,
EVENTOUT
PA8
100
I/O
Default: PA8
Alternate: CK_OUT0, TIMER0_CH0, TIMER7_BRKIN2,
I2C2_SCL, USART0_CK, USBHS0_SOF, UART6_RX,
CMP_MUX_OUT1, TLI_B3, TLI_R6, EVENTOUT
PA9
101
I/O
5VT
Default: PA9
Alternate: TIMER0_CH1, I2C2_SMBA, SPI1_SCK, I2S1_CK,
USART0_TX, TRIGSEL_IN13, DCI_D0, TLI_R5, EVENTOUT
Additional: USBHS0_VBUS
PA10
102
I/O
5VT
Default: PA10
Alternate: TIMER0_CH2, USART0_RX, TRIGSEL_IN12,
USBHS0_ID, MDIO, TLI_B4, DCI_D1, TLI_B1, EVENTOUT
USBHS0_
DM
103
I/O
Default: USBHS0_DM(3)
USBHS0_
DP
104
I/O
Default: USBHS0_DP(3)
PA13
105
I/O
Default: JTMS, SWDIO, PA13
Alternate: TIMER0_BRKIN1, TIMER7_BRKIN1, SPI1_NSS,
I2S1_WS, UART3_RX, USART0_CTS, CAN0_RX,
MDIO_A3, EXMC_INT, TRIGSEL_IN10, TLI_R4,
EVENTOUT
VCORE
106
P
-
Default: VCORE
VSS
107
P
-
Default: VSS
VDD
108
P
-
Default: VDD
PA14
109
I/O
Default: JTCK, SWCLK, PA14
Alternate: TLI_G7, SPI1_SCK, I2S1_CK, UART3_TX,
USART0_RTS, USART0_DE, SAI1_FS1, CAN0_TX,
MDIO_A4, TIMER0_BRKIN2, TRIGSEL_IN11, TLI_R5,
EVENTOUT
PA15
110
I/O
Default: JTDI, PA15
Alternate: TIMER1_CH0, TIMER1_ETI, SPI0_NSS,
I2S0_WS, SPI2_NSS, I2S2_WS, SPI5_NSS, I2S5_WS,
UART3_RTS, UART3_DE, TLI_R3, UART6_TX, MDIO_A0,
TRIGSEL_OUT0, TLI_B6, EVENTOUT
PC10
111
I/O
Default: PC10
Alternate: TIMER0_CH3, HPDF_CKIN5, SPI2_SCK,
I2S2_CK, USART2_TX, UART3_TX, OSPIM_P0_IO1,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More