| 전자부품 데이터시트 검색엔진 |
|
GD32H757ZMT7 데이터시트(PDF) 60 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757ZMT7 데이터시트(HTML) 60 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
60 / 151 page ![]() GD32H757xx Datasheet 59 Table 2-11. Port F alternate functions summary Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PF0 I2C1_SDA USBHS0_ ULPI_D4 OSPIM_P 1_IO0 EXMC_A0 TIMER22_ CH0 EVENTOUT PF1 I2C1_SCL USBHS0_ ULPI_D5 OSPIM_P 1_IO1 EXMC_A1 TIMER22_ CH1 EVENTOUT PF2 I2C1_SMB A USBHS0_ ULPI_D6 OSPIM_P 1_IO2 EXMC_A2 TIMER22_ CH2 EVENTOUT PF3 OSPIM_P 1_IO3 EXMC_A3 TIMER22_ CH3 EVENTOUT PF4 TIMER0_ MCH1 TIMER7_ MCH1 USART0_ TX HPDF_DA TAIN2 USART2_ RTS/USA RT2_DE UART3_R TS/UART3 _DE OSPIM_P 1_SCK SDIO1_D 0 EXMC_A4 TRIGSEL_ OUT1 TLI_PIX CLK EVENTOUT PF5 TIMER0_ MCH2, TIMER7_ MCH2 USART0_ RX HPDF_CKI N2 UART3_C TS SDIO1_D 1 EXMC_A5 TRIGSEL_ OUT5 TLI_G7 EVENTOUT PF6 TIMER15_ CH0 CAN2_RX SPI4_NSS SAI0_SD1 UART6_R X SAI2_SD1 OSPIM_P 0_IO3 EXMC_D2 4 TIMER22_ CH0 EVENTOUT PF7 TIMER16_ CH0 CAN2_TX SPI4_SCK SAI0_MCL K1 UART6_T X SAI2_MCL K1 OSPIM_P 0_IO2 EXMC_D2 5 TIMER22_ CH1 EVENTOUT PF8 TIMER15_ MCH0 SPI4_MIS O SAI0_SCK 1 UART6_R TS/UART6 _DE SAI2_SCK 1 OSPIM_P 0_IO0 EXMC_D2 6 TIMER22_ CH2 EVENTOUT PF9 TIMER16_ MCH0 SPI4_MO SI SAI0_FS1 UART6_C TS SAI2_FS1 OSPIM_P 0_IO1 EXMC_D2 7 TIMER22_ CH3 EVENTOUT PF10 TIMER15_ BRKIN0 SAI0_DAT 2 OSPIM_P 0_SCK SAI2_DA T2 DCI_D11 TLI_DE EVENTOUT PF11 SPI4_MO SI SAI1_SD 1 EXMC_SD NRAS DCI_D12 TIMER2 3_CH0 EVENTOUT PF12 EXMC_A6 TIMER2 3_CH1 EVENTOUT PF13 HPDF_DA TAIN6 I2C3_SMB A EXMC_A7 TIMER2 3_CH2 EVENTOUT PF14 HPDF_CKI N6 I2C3_SCL SPI4_IO2 EXMC_A8 TIMER2 3_CH3 EVENTOUT PF15 I2C3_SDA SPI4_IO3 EXMC_A9 EVENTOUT |