| 전자부품 데이터시트 검색엔진 |
|
GD32H757ZMT7 데이터시트(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD32H757ZMT7 데이터시트(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
56 / 151 page ![]() GD32H757xx Datasheet 55 Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PA15 JTDI TIMER1_CH0 /TIMER1_ETI SPI0_N SS/I2S0 _WS SPI2_NSS/I2 S2_WS SPI5_NSS /I2S5_WS UART3_R TS/UART3 _DE TLI_R3 UART6_TX MDIO_A 0 TRIGSEL_ OUT0 TLI_B6 EVENTOUT Table 2-7. Port B alternate functions summary Pin Name AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 PB0 TIMER0_ MCH1 TIMER2_C H2 TIMER7_ MCH1 OSPIM_P 0_IO1 HPDF_CK OUT UART3_ CTS TLI_R3 USBHS0_ ULPI_D1 MDIO_A 1 TRIGSEL_ OUT3 TLI_G1 EVENTOUT PB1 TIMER0_ MCH2 TIMER2_C H3 TIMER7_ MCH2 OSPIM_P 0_IO0 HPDF_DA TAIN1 TLI_R6 USBHS0_ ULPI_D2 MDIO_A 2 TRIGSEL_ OUT4 TLI_G0 EVENTOUT PB2 RTC_OUT SAI2_DAT 0(1) SAI0_DAT 0 EXMC_D1 0 HPDF_CKI N1 SAI0_SD0 SPI2_MOSI /I2S2_SD SAI2_SD 0(1) OSPIM_P 0_SCK EXMC_NCE MDIO_A 3 TIMER22_ ETI EVENTOUT PB3 JTDO/TRA CESWO TIMER1_C H1 TLI_PIXCL K SPI0_SCK /I2S0_CK SPI2_SCK /I2S2_CK SPI5_SC K/I2S5_C K SDIO1_D2 CTC_SYN C UART6_RX MDIO_A 4 TRIGSEL_ OUT7 TIMER2 3_ETI EVENTOUT PB4 NJTRST TIMER15_ BRKIN0 TIMER2_C H0 SPI0_MIS O SPI2_MIS O SPI1_NSS/I 2S1_WS SPI5_MI SO SDIO1_D3 UART6_TX TRIGSEL_ OUT6 EVENTOUT PB5 TIMER16_ BRKIN0 TIMER2_C H1 TLI_B5 I2C0_SMB A SPI0_MO SI/ I2S0_SD I2C3_SMB A SPI2_MOSI /I2S2_SD SPI5_MO SI/I2S5_ SD CAN1_RX USBHS0_ ULPI_D7 ETH0_PPS_ OUT EXMC_S DCKE1 DCI_D10 UART4_ RX EVENTOUT PB6 TIMER15_ MCH0 TIMER3_C H0 EXMC_D1 1 I2C0_SCL I2C3_SCL USART0_T X CAN1_TX OSPIM_P 0_CSN HPDF_DAT AIN5 EXMC_S DNE1 DCI_D5 UART4_ TX EVENTOUT PB7 TIMER16_ MCH0 TIMER3_C H1 I2C0_SDA I2C3_SDA USART0_R X HPDF_CKIN 5 EXMC_N L/EXMC _NADV, DCI_VSY NC EVENTOUT PB8 TIMER15_ CH0 TIMER3_C H2 HPDF_CKI N7 I2C0_SCL I2C3_SCL SDIO0_CKI N UART3_ RX CAN0_RX SDIO1_D4 SDIO0_ D4 DCI_D6 TLI_B6 EVENTOUT PB9 TIMER16_ CH0 TIMER3_C H3 HPDF_DA TAIN7 I2C0_SDA SPI1_NSS /I2S1_WS I2C3_SDA SDIO0_CM DDIR UART3_T X CAN0_TX SDIO1_D5 I2C3_SMBA SDIO0_ D5 DCI_D7 TLI_B7 EVENTOUT PB10 TIMER1_C H2 I2C1_SCL SPI1_SCK /I2S1_CK HPDF_DA TAIN7 USART2_T X OSPIM_P 0_CSN USBHS0_ ULPI_D3 TRIGSEL_ OUT2 TLI_G4 EVENTOUT PB11 TIMER1_C H3 I2C1_SDA HPDF_CKI N7 USART2_R X USBHS0_ ULPI_D4 ETH0_RMII _TX_EN TLI_G5 EVENTOUT PB12 TIMER0_B RKIN0 I2C1_SMB A SPI1_NSS /I2S1_WS HPDF_DA TAIN1 USART2_C K CAN1_RX USBHS0_ ULPI_D5 ETH0_RMII _TXD0 OSPIM_ P0_IO0 CMP_MU X_OUT2 UART4_ RX EVENTOUT PB13 RTC_REFI N TIMER0_ MCH0 OSPIM_P 0_IO2 SPI1_SCK /I2S1_CK HPDF_CKI N1 USART2_C TS CAN1_TX USBHS0_ ULPI_D6 ETH0_RMII _TXD1 SDIO0_ D0 DCI_D2 UART4_ TX EVENTOUT PB14 TIMER0_ MCH1 TIMER7_ MCH1 USART0_ TX SPI1_MIS O HPDF_DA TAIN2 USART2_R TS/USART 2_DE UART3_ RTS/UAR T3_DE SDIO1_D0 EXMC_D 10 TRIGSEL_ OUT1 TLI_CL K EVENTOUT |