전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32L4P5CEU6TR 데이터시트(PDF) 106 Page - STMicroelectronics

부품명 STM32L4P5CEU6TR
상세설명  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150 DMIPS, up to 1-MB Flash memory, 320-KB SRAM, LCD-TFT, ext. SMPS
PDF  311 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4P5CEU6TR 데이터시트(HTML) 106 Page - STMicroelectronics

Back Button STM32L4P5CEU6TR Datasheet HTML 102Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 103Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 104Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 105Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 106Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 107Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 108Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 109Page - STMicroelectronics STM32L4P5CEU6TR Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 311 page
background image
-
-
-
-
NC
54
D5
E4
83
83
C8
C8
116 116
D8
D8
PD2
I/O FT (3)
TRACED2,
TIM3_ETR,
USART3_RTS_DE,
UART5_RX,
TSC_SYNC,
DCMI_D11/PSSI_D11
, SDMMC1_CMD,
EVENTOUT
-
-
---
--
--
84
84
B8
B8
117 117
E8
E8
PD3
I/O FT
-
SPI2_SCK,
DCMI_D5/PSSI_D5,
SPI2_MISO,
DFSDM1_DATIN0,
USART2_CTS_NSS,
OCTOSPIM_P2_NCS
, LCD_CLK,
FMC_CLK,
EVENTOUT
-
-
-
-
-
-
-
C5
B4
85
85
B7
B7
118 118
C7
C7
PD4
I/O FT
-
SPI2_MOSI,
DFSDM1_CKIN0,
USART2_RTS_DE,
SDMMC2_CKIN,
OCTOSPIM_P1_IO4,
FMC_NOE,
EVENTOUT
-
-
-
-
-
-
-
B4
E5
86
86
A6
A6
119 119
D7
D7
PD5
I/O FT
-
USART2_TX,
OCTOSPIM_P1_IO5,
FMC_NWE,
EVENTOUT
-
Table 15. STM32L4P5xx pin definitions (continued)
Pin Number
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More