| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6TR 데이터시트(PDF) 110 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6TR 데이터시트(HTML) 110 Page - STMicroelectronics |
|
110 / 311 page ![]() 40 40 40 40 55 56 E6 C7 90 90 A7 A7 133 134 A5 A5 PB4 (NJTRST) I/O FT _fa (4) NJTRST, TIM3_CH1, OCTOSPIM_P1_IO5, I2C3_SDA, SPI1_MISO, SPI3_MISO, USART1_CTS_NSS, UART5_RTS_DE, TSC_G2_IO1, DCMI_D12/PSSI_D1 2, SDMMC2_D3, SAI1_MCLK_B, TIM17_BKIN, EVENTOUT COMP2_INP 41 41 41 41 56 57 C7 B7 91 91 C5 C5 134 135 B5 B5 PB5 I/O FT _la - LPTIM1_IN1, TIM3_CH2, OCTOSPIM_P1_IO0, I2C1_SMBA, SPI1_MOSI, SPI3_MOSI, USART1_CK, UART5_CTS, TSC_G2_IO2, DCMI_D10/PSSI_D1 0, COMP2_OUT, SAI1_SD_B, TIM16_BKIN, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |