| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU6TR 데이터시트(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU6TR 데이터시트(HTML) 108 Page - STMicroelectronics |
|
108 / 311 page ![]() - - - - - - A5 A5 - - D8 D8 125 125 D6 D6 PG10 I/O FT _s - LPTIM1_IN1, OCTOSPIM_P2_IO7, SPI3_MISO, USART1_RX, SDMMC2_D1, FMC_NE3, SAI2_FS_A, TIM15_CH1, EVENTOUT - - - - - - - E5 D6 - - G3 G3 126 126 E6 E6 PG11 I/O FT _s - LPTIM1_IN2, OCTOSPIM_P1_IO5, SPI3_MOSI, USART1_CTS_NSS, SDMMC2_D2, SAI2_MCLK_A, TIM15_CH2, EVENTOUT - - --- -- B6 B6 - - D7 D7 127 127 F6 F6 PG12 I/O FT _s - LPTIM1_ETR, OCTOSPIM_P2_NCS , SPI3_NSS, USART1_RTS_DE, SDMMC2_D3, FMC_NE4, SAI2_SD_A, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |