| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3P 데이터시트(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3P 데이터시트(HTML) 105 Page - STMicroelectronics |
|
105 / 311 page ![]() - - - - 52 52 D4 C3 79 79 C10 C10 112 112 E9 E9 PC11 I/O FT - DCMI_D2/PSSI_D2, OCTOSPIM_P1_NCS , SPI3_MISO, USART3_RX, UART4_RX, TSC_G3_IO3, DCMI_D4/PSSI_D4, SDMMC1_D3, SAI2_MCLK_B, EVENTOUT - - - - - 53 53 C4 C4 80 80 B10 B10 113 113 F8 F8 PC12 I/O FT - TRACED3, SPI3_MOSI, USART3_CK, UART5_TX, TSC_G3_IO4, DCMI_D9/PSSI_D9, LCD_R6, SDMMC1_CK, SAI2_SD_B, EVENTOUT - - - - - - - B3 B3 81 81 C9 C9 114 114 B8 B8 PD0 I/O FT - SPI2_NSS, CAN1_RX, LCD_B4, FMC_D2, EVENTOUT - - - - - - - A3 A3 82 82 B9 B9 115 115 C8 C8 PD1 I/O FT - SPI2_SCK, CAN1_TX, LCD_B5, FMC_D3, EVENTOUT - Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |