| 전자부품 데이터시트 검색엔진 |
|
STM32L4P5CEU3P 데이터시트(PDF) 109 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L4P5CEU3P 데이터시트(HTML) 109 Page - STMicroelectronics |
|
109 / 311 page ![]() - --- -- --- - C7 C7 128 128 G7 G7 PG13 I/O FT _fs - I2C1_SDA, USART1_CK, LCD_R0, FMC_A24, EVENTOUT - - --- -- --- - NC C6 129 129 G6 G6 PG14 I/O FT _fs (3) I2C1_SCL, LCD_R1, FMC_A25, EVENTOUT - - --- -- --- - F7 F7 130 130 A7 A7 VSS S - - - - - - - - - - A6 A6 - - G7 G7 131 131 B6 B6 VDDIO2 S - - - - - --- -- --- - K1 K1 NC 132 NC C6 PG15 I/O FT _s (3) LPTIM1_OUT, I2C1_SMBA, OCTOSPIM_P2_DQS , DCMI_D13/PSSI_D1 3, EVENTOUT - 39 39 39 39 54 55 F5 C6 89 89 A8 A8 132 133 A6 A6 PB3 (JTDO/TR ACESWO ) I/O FT _la - JTDO/TRACESWO, TIM2_CH2, OCTOSPIM_P1_IO4, SPI1_SCK, SPI3_SCK, USART1_RTS_DE, OTG_FS_CRS_SYN C, SDMMC2_D2, SAI1_SCK_B, EVENTOUT COMP2_INM Table 15. STM32L4P5xx pin definitions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |