| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 60 Page - STMicroelectronics |
|
60 / 240 page ![]() Pinouts and pin description STM32F427xx STM32F429xx 60/240 DS9405 Rev 12 - 52 D10 N8 62 - 73 L8 VDD S- - - - 53 M6 N6 63 K6 74 N6 PF13 I/O FT - FMC_A7, EVENTOUT - - 54 K7 R7 64 L6 75 P6 PF14 I/O FT - FMC_A8, EVENTOUT - - 55 L7 P7 65 M6 76 M8 PF15 I/O FT - FMC_A9, EVENTOUT - - 56 N6 N7 66 N6 77 N7 PG0 I/O FT - FMC_A10, EVENTOUT - - 57 M7 M7 67 K5 78 M7 PG1 I/O FT - FMC_A11, EVENTOUT - 38 58 N7 R8 68 L5 79 R8 PE7 I/O FT - TIM1_ETR, UART7_Rx, FMC_D4, EVENTOUT - 39 59 J8 P8 69 M5 80 N9 PE8 I/O FT - TIM1_CH1N, UART7_Tx, FMC_D5, EVENTOUT - 40 60 K8 P9 70 N5 81 P9 PE9 I/O FT - TIM1_CH1, FMC_D6, EVENTOUT - -61 J6 M9 71 H3 82 K8 VSS S- - - - 62 G10 N9 72 J5 83 L9 VDD S- - - 41 63 L8 R9 73 J4 84 R9 PE10 I/O FT - TIM1_CH2N, FMC_D7, EVENTOUT - 42 64 M8 P10 74 K4 85 P10 PE11 I/O FT - TIM1_CH2, SPI4_NSS, FMC_D8, LCD_G3, EVENTOUT - 43 65 N8 R10 75 L4 86 R10 PE12 I/O FT - TIM1_CH3N, SPI4_SCK, FMC_D9, LCD_B4, EVENTOUT - 44 66 H9 N11 76 N4 87 R12 PE13 I/O FT - TIM1_CH3, SPI4_MISO, FMC_D10, LCD_DE, EVENTOUT - 45 67 J9 P11 77 M4 88 P11 PE14 I/O FT - TIM1_CH4, SPI4_MOSI, FMC_D11, LCD_CLK, EVENTOUT - 46 68 K9 R11 78 L3 89 R11 PE15 I/O FT - TIM1_BKIN, FMC_D12, LCD_R7, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |