| 전자부품 데이터시트 검색엔진 |
|
STM32F429NG 데이터시트(PDF) 69 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F429NG 데이터시트(HTML) 69 Page - STMicroelectronics |
|
69 / 240 page ![]() DS9405 Rev 12 69/240 STM32F427xx STM32F429xx Pinouts and pin description 85 - 127 A7 B8 155 A6 181 C7 PG12 I/O FT - SPI6_MISO, USART6_RTS, LCD_B4, FMC_NE4, LCD_B1, EVENTOUT - - 128 NC (3) A8 156 D6 182 B3 PG13 I/O FT - SPI6_SCK, USART6_CTS, ETH_MII_TXD0/ETH_ RMII_TXD0, FMC_A24, EVENTOUT - - 129 NC (3) A7 157 F6 183 A4 PG14 I/O FT - SPI6_MOSI, USART6_TX, ETH_MII_TXD1/ETH_ RMII_TXD1, FMC_A25, EVENTOUT - - 130 D7 D7 158 - 184 F7 VSS S- - - - 131 L6 C7 159 E6 185 E8 VDD S- - - - - - - - - 186 D8 PK3 I/O FT - LCD_B4, EVENTOUT - - - - - - - 187 D7 PK4 I/O FT - LCD_B5, EVENTOUT - - - - - - - 188 C6 PK5 I/O FT - LCD_B6, EVENTOUT - - - - - - - 189 C5 PK6 I/O FT - LCD_B7, EVENTOUT - - - - - - - 190 C4 PK7 I/O FT - LCD_DE, EVENTOUT - - 132 C6 B7 160 A7 191 B7 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT - 89 133 B6 A10 161 B7 192 A10 PB3 (JTDO/TRACE SWO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK, SPI3_SCK/I2S3_CK, EVENTOUT - 90 134 A6 A9 162 C7 193 A9 PB4 (NJTRST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, I2S3ext_SD, EVENTOUT - Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued) Pin number Pin name (function after reset)(1) Alternate functions Additional functions |