전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NG 데이터시트(PDF) 64 Page - STMicroelectronics

부품명 STM32F429NG
상세설명  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NG 데이터시트(HTML) 64 Page - STMicroelectronics

Back Button STM32F429NG Datasheet HTML 60Page - STMicroelectronics STM32F429NG Datasheet HTML 61Page - STMicroelectronics STM32F429NG Datasheet HTML 62Page - STMicroelectronics STM32F429NG Datasheet HTML 63Page - STMicroelectronics STM32F429NG Datasheet HTML 64Page - STMicroelectronics STM32F429NG Datasheet HTML 65Page - STMicroelectronics STM32F429NG Datasheet HTML 66Page - STMicroelectronics STM32F429NG Datasheet HTML 67Page - STMicroelectronics STM32F429NG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 240 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
64/240
DS9405 Rev 12
-
-
-
-
-
-
124 H11
VDD
I/O FT
-
-
-
-
-
-
-
-
-
125 H10
VSS
I/O FT
-
-
-
-
-
-
-
-
-
126 G13
PK0
I/O FT
-
LCD_G5, EVENTOUT
-
-
-
-
-
-
-
127 F12
PK1
I/O FT
-
LCD_G6, EVENTOUT
-
-
-
-
-
-
-
128 F13
PK2
I/O FT
-
LCD_G7, EVENTOUT
-
-
87
H13 L15 106
J1
129 M13
PG2
I/O FT
- FMC_A12, EVENTOUT
-
-88
NC
(3)
K15 107 G3 130 M12
PG3
I/O FT
- FMC_A13, EVENTOUT
-
-
89
H12 K14 108 G5 131 N12
PG4
I/O FT
-
FMC_A14/FMC_BA0,
EVENTOUT
-
-
90
G13 K13 109 G6 132 N11
PG5
I/O FT
-
FMC_A15/FMC_BA1,
EVENTOUT
-
-
91
G11
J15 110 G4 133 J15
PG6
I/O FT
-
FMC_INT2,
DCMI_D12, LCD_R7,
EVENTOUT
-
-
92
G12 J14 111
H1 134 J14
PG7
I/O FT
-
USART6_CK,
FMC_INT3,
DCMI_D13, LCD_CLK,
EVENTOUT
-
-
93
F13 H14 112 G2 135 H14
PG8
I/O FT
-
SPI6_NSS,
USART6_RTS,
ETH_PPS_OUT,
FMC_SDCLK,
EVENTOUT
-
-
94
J7
G12 113 D2 136 G10
VSS
S-
-
-
-
95
E6
H13 114 G1 137 G11
VDD
S-
-
-
63
96
F9
H15 115
F2 138 H15
PC6
I/O FT
-
TIM3_CH1, TIM8_CH1,
I2S2_MCK,
USART6_TX,
SDIO_D6, DCMI_D0,
LCD_HSYNC,
EVENTOUT
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More