전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NG 데이터시트(PDF) 67 Page - STMicroelectronics

부품명 STM32F429NG
상세설명  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NG 데이터시트(HTML) 67 Page - STMicroelectronics

Back Button STM32F429NG Datasheet HTML 63Page - STMicroelectronics STM32F429NG Datasheet HTML 64Page - STMicroelectronics STM32F429NG Datasheet HTML 65Page - STMicroelectronics STM32F429NG Datasheet HTML 66Page - STMicroelectronics STM32F429NG Datasheet HTML 67Page - STMicroelectronics STM32F429NG Datasheet HTML 68Page - STMicroelectronics STM32F429NG Datasheet HTML 69Page - STMicroelectronics STM32F429NG Datasheet HTML 70Page - STMicroelectronics STM32F429NG Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 240 page
background image
DS9405 Rev 12
67/240
STM32F427xx STM32F429xx
Pinouts and pin description
85
76 109 A11 A14 137 B1 159 A14
PA14
(JTCK-
SWCLK)
I/O FT
-
JTCK-SWCLK/
EVENTOUT
-
77
110 B11 A13 138 C2 160 A13
PA15
(JTDI)
I/O FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
SPI1_NSS,
SPI3_NSS/I2S3_WS,
EVENTOUT
-
78
111 C10 B14 139 A2 161 B14
PC10
I/O FT
-
SPI3_SCK/I2S3_CK,
USART3_TX,
UART4_TX, SDIO_D2,
DCMI_D8, LCD_R2,
EVENTOUT
-
79
112 B10 B13 140 B2 162 B13
PC11
I/O FT
-
I2S3ext_SD,
SPI3_MISO,
USART3_RX,
UART4_RX, SDIO_D3,
DCMI_D4, EVENTOUT
-
80
113 A10 A12 141 C3 163 A12
PC12
I/O FT
-
SPI3_MOSI/I2S3_SD,
USART3_CK,
UART5_TX, SDIO_CK,
DCMI_D9, EVENTOUT
-
81
114
D9
B12 142 B3 164 B12
PD0
I/O FT
-
CAN1_RX, FMC_D2,
EVENTOUT
-
82
115
C9
C12 143 C4 165 C12
PD1
I/O FT
-
CAN1_TX, FMC_D3,
EVENTOUT
-
83
116
B9
D12 144 A3 166 D12
PD2
I/O FT
-
TIM3_ETR,
UART5_RX,
SDIO_CMD,
DCMI_D11,
EVENTOUT
-
84
117
A9
D11 145 B4 167 C11
PD3
I/O FT
-
SPI2_SCK/I2S2_CK,
USART2_CTS,
FMC_CLK, DCMI_D5,
LCD_G7, EVENTOUT
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More