전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F429NG 데이터시트(PDF) 62 Page - STMicroelectronics

부품명 STM32F429NG
상세설명  32b Arm® Cortex®-M4 MCUFPU, 225DMIPS, up to 2MB Flash/2564KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 20 com. interfaces, camera & LCD-TFT
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F429NG 데이터시트(HTML) 62 Page - STMicroelectronics

Back Button STM32F429NG Datasheet HTML 58Page - STMicroelectronics STM32F429NG Datasheet HTML 59Page - STMicroelectronics STM32F429NG Datasheet HTML 60Page - STMicroelectronics STM32F429NG Datasheet HTML 61Page - STMicroelectronics STM32F429NG Datasheet HTML 62Page - STMicroelectronics STM32F429NG Datasheet HTML 63Page - STMicroelectronics STM32F429NG Datasheet HTML 64Page - STMicroelectronics STM32F429NG Datasheet HTML 65Page - STMicroelectronics STM32F429NG Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 240 page
background image
Pinouts and pin description
STM32F427xx STM32F429xx
62/240
DS9405 Rev 12
-
-
M11 L12
88
-
101 N15
PH11
I/O FT
-
TIM5_CH2, FMC_D19,
DCMI_D2, LCD_R5,
EVENTOUT
-
-
-
L11
K12
89
-
102 M15
PH12
I/O FT
-
TIM5_CH3, FMC_D20,
DCMI_D3, LCD_R6,
EVENTOUT
-
--
E7
H12
90
-
-
K10
VSS
S-
-
-
-
-
-
H8
J12
91
-
103 K11
VDD
S-
-
-
-
51
73
N12 P12
92
M2 104 L13
PB12
I/O FT
-
TIM1_BKIN,
I2C2_SMBA,
SPI2_NSS/I2S2_WS,
USART3_CK,
CAN2_RX,
OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_
RMII_TXD0,
OTG_HS_ID,
EVENTOUT
-
52
74
M12 P13
93
N1 105 K14
PB13
I/O FT
-
TIM1_CH1N,
SPI2_SCK/I2S2_CK,
USART3_CTS,
CAN2_TX,
OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_
RMII_TXD1,
EVENTOUT
OTG_HS_
VBUS
53
75
M13 R14
94
K3 106 R14
PB14
I/O FT
-
TIM1_CH2N,
TIM8_CH2N,
SPI2_MISO,
I2S2ext_SD,
USART3_RTS,
TIM12_CH1,
OTG_HS_DM,
EVENTOUT
-
Table 10. STM32F427xx and STM32F429xx pin and ball definitions (continued)
Pin number
Pin name
(function
after reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More