| 전자부품 데이터시트 검색엔진 |
|
TAS5706PAPR 데이터시트(PDF) 52 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706PAPR 데이터시트(HTML) 52 Page - Texas Instruments |
|
52 / 62 page ![]() www.ti.com INPUT MULTIPLEXER REGISTER (0x20) TAS5706 SLOS550A – DECEMBER 2007 – REVISED DECEMBER 2007 The hex value for each nibble is the channel number. For each input multiplexer, any input from SDIN1, SDIN2 can be mapped to any internal TAS5706 channel. Table 19. Input Multiplexer Register (0x20) D31 D30 D29 D28 D27 D26 D25 D24 FUNCTION 0 0 0 0 0 0 0 0 Reserved = 0x00 D23 D22 D21 D20 D19 D18 D17 D16 FUNCTION 0 – – – – – – – Channel-1 AD mode 1 – – – – – – – Channel-1 BD mode (1) – 0 0 0 – – – – SDIN1-L to channel 1 (1) – 0 0 1 – – – – SDIN1-R to channel 1 – 0 1 0 – – – – SDIN2-L to channel 1 – 0 1 1 – – – – SDIN2-R to channel 1 – 1 0 0 – – – – Reserved – 1 0 1 – – – – Reserved – 1 1 0 – – – – Ground (0) to channel 1 – 1 1 1 – – – – Reserved – – – – 0 – – – Channel 2 AD mode – – – – 1 – – – Channel 2 BD mode (1) – – – – – 0 0 0 SDIN1-L to channel 2 – – – – – 0 0 1 SDIN1-R to channel 2 (1) – – – – – 0 1 0 SDIN2-L to channel 2 – – – – – 0 1 1 SDIN2-R to channel 2 – – – – – 1 0 0 Reserved – – – – – 1 0 1 Reserved – – – – – 1 1 0 Ground (0) to channel 2 – – – – – 1 1 1 Reserved (1) Default values are in bold. 52 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TAS5706 |