전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F15213 데이터시트(PDF) 30 Page - Microchip Technology

부품명 PIC16F15213
상세설명  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 데이터시트(HTML) 30 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 26Page - Microchip Technology PIC16F15213 Datasheet HTML 27Page - Microchip Technology PIC16F15213 Datasheet HTML 28Page - Microchip Technology PIC16F15213 Datasheet HTML 29Page - Microchip Technology PIC16F15213 Datasheet HTML 30Page - Microchip Technology PIC16F15213 Datasheet HTML 31Page - Microchip Technology PIC16F15213 Datasheet HTML 32Page - Microchip Technology PIC16F15213 Datasheet HTML 33Page - Microchip Technology PIC16F15213 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 408 page
background image
8.7.2
Revision ID
Name: 
REVISIONID
Offset: 
8005h
Revision ID Register
Bit
15
14
13
12
11
10
9
8
Reserved
Reserved
MJRREV[5:2]
Access
R
R
R
R
R
R
Reset
1
0
q
q
q
q
Bit
7
6
5
4
3
2
1
0
MJRREV[1:0]
MNRREV[5:0]
Access
R
R
R
R
R
R
R
R
Reset
q
q
q
q
q
q
q
q
Bit 13 – Reserved  Reserved - Read as 1
Bit 12 – Reserved  Reserved - Read as 0
Bits 11:6 – MJRREV[5:0] Major Revision ID
These bits are used to identify a major revision. (A0, B0, C0, etc.).
Bits 5:0 – MNRREV[5:0] Minor Revision ID
These bits are used to identify a minor revision.
PIC16F15225/45
Device Configuration
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com