전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F15213 데이터시트(PDF) 61 Page - Microchip Technology

부품명 PIC16F15213
상세설명  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 데이터시트(HTML) 61 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 57Page - Microchip Technology PIC16F15213 Datasheet HTML 58Page - Microchip Technology PIC16F15213 Datasheet HTML 59Page - Microchip Technology PIC16F15213 Datasheet HTML 60Page - Microchip Technology PIC16F15213 Datasheet HTML 61Page - Microchip Technology PIC16F15213 Datasheet HTML 62Page - Microchip Technology PIC16F15213 Datasheet HTML 63Page - Microchip Technology PIC16F15213 Datasheet HTML 64Page - Microchip Technology PIC16F15213 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 408 page
background image
10.
Resets
There are multiple ways to reset this device:
• Power-on Reset (POR)
• Brown-out Reset (BOR)
• MCLR Reset
• WDT Reset
• RESET instruction
• Stack Overflow
• Stack Underflow
• Programming mode exit
To allow VDD to stabilize, an optional Power-up Timer can be enabled to extend the Reset time after a BOR or POR
event.
A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 10-1.
Figure 10-1. Simplified Block Diagram of On-Chip Reset Circuit
Filename:
Reset Circuit Block Diagram.vsdx
Title:
Last Edit:
1/23/2020
First Used:
Notes:
Rev. Res et Circ
1/23/2020
Device
Reset
Power-on
Reset
WDT Time-out
Brown-out
Reset
RESET Instruction
MCLRE
PWRTS[1:0]
LFINTOSC
VDD
ICSP
Programming Mode Exit
Stack Underflow
Stack Overflow
Power-up
Timer
VPP/MCLR
Memory Violation
2
10.1
Power-on Reset (POR)
The POR circuit holds the device in Reset until VDD has reached an acceptable level for minimum operation. Slow
rising VDD, fast operating speeds or analog performance may require greater than minimum VDD. The PWRT, BOR or
MCLR features can be used to extend the start-up period until all device operation conditions have been met.
10.1.1
Programming Mode Exit
Upon exit of Programming mode, the device will behave as if a POR had just occurred.
PIC16F15225/45
Resets
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com