전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F15213 데이터시트(PDF) 73 Page - Microchip Technology

부품명 PIC16F15213
상세설명  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 데이터시트(HTML) 73 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 69Page - Microchip Technology PIC16F15213 Datasheet HTML 70Page - Microchip Technology PIC16F15213 Datasheet HTML 71Page - Microchip Technology PIC16F15213 Datasheet HTML 72Page - Microchip Technology PIC16F15213 Datasheet HTML 73Page - Microchip Technology PIC16F15213 Datasheet HTML 74Page - Microchip Technology PIC16F15213 Datasheet HTML 75Page - Microchip Technology PIC16F15213 Datasheet HTML 76Page - Microchip Technology PIC16F15213 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 408 page
background image
11.
OSC - Oscillator Module
11.1
Oscillator Module Overview
The oscillator module contains multiple clock sources and selection features that allow it to be used in a wide range
of applications while maximizing performance and minimizing power consumption.
Clock sources can be supplied either internally or externally. External sources include:
• External Clock (EC) oscillators
Internal sources include:
• High-Frequency Internal Oscillator (HFINTOSC)
• Low-Frequency Internal Oscillator (LFINTOSC)
• Analog-to-Digital Converter RC Oscillator (ADCRC)
Special features of the oscillator module include:
• HFINTOSC Frequency Adjustment: Provides the ability to adjust the HFINTOSC frequency.
The Reset Oscillator (RSTOSC) Configuration bits determine the type of oscillator that will be used when the device
runs after a Reset, including when the device is first powered up (see Table 11-1).
Table 11-1. RSTOSC Selection Table
RSTOSC
SFR Reset Values
Clock Source
COSC
OSCFRQ
11
11
100 (16 MHz)
EXTOSC per FEXTOSC
10
10
HFINTOSC @ 1 MHz
01
01
LFINTOSC
00
00
HFINTOSC @ 32 MHz
If an external clock source is selected by the RSTOSC bits, the External Oscillator Mode Select (FEXTOSC)
Configuration bits must be used to select the external clock mode. These modes include:
• ECL: External Clock Low-Power mode
• ECH: External Clock High-Power mode
The ECH and ECL modes rely on an external logic-level signal as the device clock source. Each mode is optimized
for a specific frequency range. The internal oscillator block produces both low-frequency and high-frequency clock
signals, designated LFINTOSC and HFINTOSC, respectively. Multiple system operating frequencies may be derived
from these clock sources.
Figure 11-1 illustrates a block diagram of the oscillator module.
PIC16F15225/45
OSC - Oscillator Module
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com