전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F15213 데이터시트(PDF) 91 Page - Microchip Technology

부품명 PIC16F15213
상세설명  PIC16F15225/45 Full-Featured 14/20-Pin Microcontrollers
PDF  408 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 데이터시트(HTML) 91 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 87Page - Microchip Technology PIC16F15213 Datasheet HTML 88Page - Microchip Technology PIC16F15213 Datasheet HTML 89Page - Microchip Technology PIC16F15213 Datasheet HTML 90Page - Microchip Technology PIC16F15213 Datasheet HTML 91Page - Microchip Technology PIC16F15213 Datasheet HTML 92Page - Microchip Technology PIC16F15213 Datasheet HTML 93Page - Microchip Technology PIC16F15213 Datasheet HTML 94Page - Microchip Technology PIC16F15213 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 408 page
background image
12.9.5
PIR0
Name: 
PIR0
Offset: 
0x70C
Peripheral Interrupt Request Register 0
Bit
7
6
5
4
3
2
1
0
TMR0IF
IOCIF
INTF
Access
R/W/HS
R
R/W/HS
Reset
0
0
0
Bit 5 – TMR0IF Timer0 Interrupt Flag
Value
Description
1
TMR0 register has overflowed (must be cleared by software)
0
TMR0 register has not overflowed
Bit 4 – IOCIF  Interrupt-on-Change Flag(2)
Value
Description
1
One or more of the IOCAF-IOCCF register bits are currently set, indicating an enabled edge was
detected by the IOC module.
0
None of the IOCAF-IOCCF register bits are currently set
Bit 0 – INTF  External Interrupt Flag(1)
Value
Description
1
External Interrupt has occurred
0
External Interrupt has not occurred
Notes: 
1.
The External Interrupt INT pin is selected by INTPPS.
2.
The IOCIF bit is the logical OR of all the IOCAF-IOCCF flags. Therefore, to clear the IOCIF flag, application
firmware must clear all of the lower level IOCAF-IOCCF register bits.
3.
Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding
enable bit or the Global Enable (GIE) bit. User software should ensure the appropriate interrupt flag bits are
cleared before enabling an interrupt.
PIC16F15225/45
Interrupts
© 2020 Microchip Technology Inc.
Preliminary Datasheet
DS20006389B-page 91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com