전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XC6216B48PR 데이터시트(PDF) 13 Page - Torex Semiconductor

부품명 XC6216B48PR
상세설명  28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOREX [Torex Semiconductor]
홈페이지  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B48PR 데이터시트(HTML) 13 Page - Torex Semiconductor

Back Button XC6216B48PR Datasheet HTML 9Page - Torex Semiconductor XC6216B48PR Datasheet HTML 10Page - Torex Semiconductor XC6216B48PR Datasheet HTML 11Page - Torex Semiconductor XC6216B48PR Datasheet HTML 12Page - Torex Semiconductor XC6216B48PR Datasheet HTML 13Page - Torex Semiconductor XC6216B48PR Datasheet HTML 14Page - Torex Semiconductor XC6216B48PR Datasheet HTML 15Page - Torex Semiconductor XC6216B48PR Datasheet HTML 16Page - Torex Semiconductor XC6216B48PR Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
XC6216/XE6216
Series
PARAMETER
SYMBOL
CONDITIONS
Ta=25℃
Ta=-40℃~85℃
UNITS CIRCUIT
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
Output Voltage
VOUT(E)(*2)
IOUT=20mA , VCE=VIN
E-0-1
E-0-2
V
①
Maximum Output
Current(*)
IOUTMAX
VIN=VOUT(T)+3.0V, VCE=VIN(*1)
(VOUT(T)≧3.0V)
-
-
-
150
-
-
mA
①
VIN = VOUT(T)+3.0V, VCE=VIN(*1)
(VOUT(T)<3.0V)
-
-
-
100
-
-
mA
①
Load Regulation(*)
∆VOUT
VCE=VIN , 1mA≦IOUT≦50mA
-
E-1-1
-
E-1-2
mV
①
Dropout Voltage1
Vdif1(*3)
IOUT=20mA, VCE=VIN
-
E-2-1
-
E-2-2
mV
①
Dropout Voltage2(*)
Vdif2(*3)
IOUT=100mA, VCE=VIN
-
E-3-1
-
E-3-2
mV
①
Supply Current
ISS
VCE=VIN
1
5
9
0.5
5
10
μ
A
②
Stand-by Current
ISTB
VCE=VSS
-
0.01
0.1
-
0.01
4
μ
A
②
Line Regulation1(*)
∆VOUT/
(∆VIN・VOUT)
VOUT(T)+2.0V≦VIN≦28.0V(*1)
IOUT=5mA, VCE=VIN
-
0.05
0.10
-
0.05
0.12
%/V
①
Line Regulation2(*)
∆VOUT/
(∆VIN・VOUT)
VOUT(T)+2.0V≦VIN≦28.0V(*1)
IOUT=13mA, VCE=VIN
-
0.15
0.30
-
0.15
0.32
%/V
①
Input Voltage
VIN
2.0
28.0
2.0
28.0
V
Output Voltage
Temperature
Characteristics
∆VOUT/
(∆Topr・
VOUT)
IOUT=20mA, VCE=VIN
-40℃≦Topr≦85℃
-
±100
±350
-
-
-
ppm/℃
①
Power Supply
Rejection Ratio
PSRR
VIN=[VOUT(T)+2.0]V+0.5Vp-pAC(*1)
IOUT=20mA, f=1kHz , VCE=VIN
-
30
-
-
30
-
dB
③
Short Current
ISHORT
VCE=VIN
-
30
-
-
30
-
mA
①
CE "H" Level Voltage
VCEH
-
-
-
-
1.1
-
28.0
V
①
CE "L" Level Voltage
VCEL
-
-
-
-
0
-
0.35
V
①
CE "H" Level Current
ICEH
VIN=VCE=28.0V
-0.1
-
0.1
-0.1
-
0.7
μ
A
②
CE "L" Level Current
ICEL
VIN=28.0V, VCE=VSS
-0.1
-
0.1
-0.2
-
-0.2
μ
A
②
Thermal Shutdown
Detect Temperature
TTSD
VCE=VIN、
Junction Temperature
-
150
-
-
150
-
℃
①
Thermal Shutdown
Release Temperature
TTSR
VCE=VIN、
Junction Temperature
-
125
-
-
125
-
℃
①
Hysteresis Width
TTSD - TTSR
VCE=VIN、
Junction Temperature
-
25
-
-
25
-
℃
-
Unless otherwise stated, VIN=VOUT(T)+2.0V.
NOTE:
*1: VOUT(T): Nominal output voltage
*2: VOUT(E): Effective output voltage
(i.e. the output voltage when “VOUT(T)+2.0V” is provided at the VIN pin while maintaining a certain IOUT value.)
*3: Vdif={VIN1- VOUT1}
VOUT1: VOUT(T)<3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+3.0V} is input.
VOUT(T)≧3.0V, A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input.
VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased.
(
*)Junction temperature range is Tj=-40~125℃ for this table.
●
XE6216 Series B Type
■
ELECTRICAL CHARACTERISTICS (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com